Electronic Components Datasheet Search
  English  ▼

X  

DRV591VFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV591VFPR
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV591VFPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV591VFPR Datasheet HTML 1Page - Texas Instruments DRV591VFPR Datasheet HTML 2Page - Texas Instruments DRV591VFPR Datasheet HTML 3Page - Texas Instruments DRV591VFPR Datasheet HTML 4Page - Texas Instruments DRV591VFPR Datasheet HTML 5Page - Texas Instruments DRV591VFPR Datasheet HTML 6Page - Texas Instruments DRV591VFPR Datasheet HTML 7Page - Texas Instruments DRV591VFPR Datasheet HTML 8Page - Texas Instruments DRV591VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
±3A HIGHEFFICIENCY PWM POWER DRIVER
FEATURES
D ±3-A Maximum Output Current
D Low Supply Voltage Operation: 2.8 V to 5.5 V
D High Efficiency Generates Less Heat
D Over-Current and Thermal Protection
D Fault Indicators for Over-Current, Thermal
and Under-Voltage Conditions
D Two Selectable Switching Frequencies
D Internal or External Clock Sync
D PWM Scheme Optimized for EMI
D 9×9 mm PowerPAD Quad Flatpack
APPLICATIONS
D Thermoelectric Cooler (TEC) Driver
D Laser Diode Biasing
DESCRIPTION
The DRV591 is a high-efficiency, high-current power
amplifier
ideal
for
driving
a
wide
variety
of
thermoelectric cooler elements in systems powered
from 2.8 V to 5.5 V. PWM operation and low output
stage on-resistance significantly decrease power
dissipation in the amplifier.
The DRV591 is internally protected against thermal and
current overloads. Logic-level fault indicators signal
when
the
junction
temperature
has
reached
approximately
130
°C to allow for system-level
shutdown before the amplifier’s internal thermal
shutdown circuitry activates. The fault indicators also
signal when an over-current event has occurred. If the
over-current
circuitry
is
tripped,
the
DRV591
automatically resets (see application information
section for more details).
The PWM switching frequency may be set to 500 kHz
or 100 kHz depending on system requirements. To
eliminate external components, the gain is fixed at
approximately 2.3 V/V.
1
µF
AVDD
AGND (Connect to PowerPAD)
ROSC
COSC
AREF
IN+
IN–
IN–
OUT–
PGND
PGND
PGND
PGND
PGND
PGND
OUT+
120 k
Ω
220 pF
1
µF
Shutdown Control
1 k
Ω
1 k
Ω
DC Control
Voltage
10
µF
VDD
10
µH
10
µF
10
µH
10
µF
1
µF
FAULT1
FAULT0
To TEC or Laser
Diode Anode
To TEC or Laser
Diode Cathode
1
µF
SHUTDOWN
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - DRV591VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591VFPR TI2-DRV591VFPR Datasheet
1Mb / 23P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED MAY 2002
DRV591VFPR.B TI2-DRV591VFPR.B Datasheet
1Mb / 23P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED MAY 2002
DRV591VFPR1G4 TI2-DRV591VFPR1G4 Datasheet
1Mb / 23P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED MAY 2002
DRV591VFPR1G4.B TI2-DRV591VFPR1G4.B Datasheet
1Mb / 23P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
REVISED MAY 2002
More results

Similar Description - DRV591VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
ADTech
ADT6750 ADTECH-ADT6750 Datasheet
77Kb / 1P
PWM High-Efficiency LED driver with a built in internal power MOSFET capable
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV593 TI1-DRV593_15 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Diodes Incorporated
AL9910EV5 DIODES-AL9910EV5 Datasheet
226Kb / 8P
PWM high-efficiency LED driver control IC
JUNE 2011
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com