Electronic Components Datasheet Search
  English  ▼

X  

AD6635BB Datasheet(PDF) 28 Page - Analog Devices

Part # AD6635BB
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635BB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6635BB Datasheet HTML 24Page - Analog Devices AD6635BB Datasheet HTML 25Page - Analog Devices AD6635BB Datasheet HTML 26Page - Analog Devices AD6635BB Datasheet HTML 27Page - Analog Devices AD6635BB Datasheet HTML 28Page - Analog Devices AD6635BB Datasheet HTML 29Page - Analog Devices AD6635BB Datasheet HTML 30Page - Analog Devices AD6635BB Datasheet HTML 31Page - Analog Devices AD6635BB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
REV. 0
–28–
AD6635
Both LrCIC2 and MrCIC2 are unsigned integers. The interpolation
rate (LrCIC2) may be from 1 to 512 and the decimation (MrCIC2)
may be from 1 to 4096. The stage can be bypassed by setting
the decimation/interpolation to 1/1.
The frequency response of the rCIC2 filter is given by the fol-
lowing equations.
Hz
L
z
z
SrCIC
rCIC
MrCIC
LrCIC
() =
¥
¥
Ê
Ë
Á
ÁÁ
ˆ
¯
˜
˜˜
1
2
1
1
2
2
2
2
1
2
–
–
–
–
Hf
L
Mf
Lf
f
f
SrCIC
rCIC
rCIC
rCIC
SAMP
SAMP
() =
¥
¥
¥
¥
Ê
ËÁ
ˆ
¯˜
Ê
ËÁ
ˆ
¯˜
Ê
Ë
Á
Á
Á
Á
ˆ
¯
˜
˜
˜
˜
1
2
2
2
2
2
2
sin
sin
p
p
The scale factor, SrCIC2 is a programmable unsigned 5-bit value
between 0 and 31. This serves as an attenuator that can reduce
the gain of the rCIC2 in 6 dB increments. For the best dynamic
range, SrCIC2 should be set to the smallest value possible (i.e.,
lowest attenuation) without creating an overflow condition.
This can be safely accomplished using the equation below,
where input_level is the largest fraction of full scale possible at
the input to the AD6635 (normally 1). The rCIC2 scale factor
is always used, whether or not the rCIC2 is bypassed.
S
ceil
M
floor
M
L
ML
floor
M
L
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
rCIC
22
2
2
2
22
2
2
21
=
+
Ê
ËÁ
ˆ
¯˜
¥
¥¥
+
Ê
ËÁ
ˆ
¯˜
Ê
ËÁ
ˆ
¯˜
Ê
Ë
Á
Á
Á
Á
ˆ
¯
˜
˜
˜
˜
È
Î
Í
Í
Í
Í
Í
˘
˚
˙
˙
˙
˙
˙
log
–
OL
M
L
input
level
CIC
rCIC
rCIC
SrCIC
2
2
2
2
2
2
=
()
¥
¥
_
The ceil function used above denotes the next whole integer,
and the floor function denotes the previous whole integer. For
example, ceil(4.5) is 5, while floor(4.5) is 4.
There are two scale registers (rCIC2_LOUD[4:0] Bits 4–0 in
0x92), and (rCIC2_QUIET[4:0] Bits 9–5 in 0x92), which are
used to implement the SrCIC2 scale factor. The value written into
the these programmable registers is the sum total of SrCIC2, ExpOff
required for floating point ADCs (explained in the Input Port
section), and any compensation for external attenuation that
may be activated using the LI (level indicator) pins. The third
component can have different values when the LI pin is active
and when it is inactive, and hence two registers, rCIC2_LOUD
and rCIC2_QUIET. The sum total of these components is
supplied to the AD6635 as rCIC2_LOUD and rCIC2_QUIET
registers, and these registers can contain a maximum number of
31. It should also be noted that the scaling specified by these
register is applied at only one place in the AD6635 channel
(before the rCIC2 filter).
The gain and passband droop of the rCIC2 should be calculated
by the equations above, as well as the filter transfer equations
mentioned previously. Excessive passband droop can be com-
pensated for in the RCF stage by peaking the pass band by the
inverse of the roll-off.
scaled
input
IN
ExpInv
scaled
input
IN
ExpInv
Exp rCIC
Exp rCIC
_,
_,
–mod(
,
–mod( –
,
=¥
=¥
+
+
2
2
2
72
32)
32)
=0
=1
where IN is the value of INx[13:0] (x = A, B, C, D), Exp is the
value of EXPx[2:0], and rCIC2 is the value of the 0x92
(rCIC2_QUIET[4:0] or rCIC2_LOUD[4:0], depending on
LI pin) scale register.
rCIC2 Rejection
Table III illustrates the amount of bandwidth in percent of the
data rate into the rCIC2 stage. The data in this table may be
scaled to any other allowable sample rate up to 80 MHz. The
table can be used as a tool to decide how to distribute the deci-
mation between rCIC2, CIC5 and the RCF.
Table III. SSB rCIC2 Alias Rejection Table (fSAMP = 1)
Bandwidth Shown as Percentage of fSAMP. (input rate)
MrCIC2
/LrCIC2
–50 dB –60 dB –70 dB –80 dB
–90 dB –100 dB
2
1.790
1.007
0.566
0.318
0.179
0.101
3
1.508
0.858
0.486
0.274
0.155
0.087
4
1.217
0.696
0.395
0.223
0.126
0.071
5
1.006
0.577
0.328
0.186
0.105
0.059
6
0.853
0.490
0.279
0.158
0.089
0.050
7
0.739
0.425
0.242
0.137
0.077
0.044
8
0.651
0.374
0.213
0.121
0.068
0.038
9
0.581
0.334
0.190
0.108
0.061
0.034
10
0.525
0.302
0.172
0.097
0.055
0.031
11
0.478
0.275
0.157
0.089
0.050
0.028
12
0.439
0.253
0.144
0.082
0.046
0.026
13
0.406
0.234
0.133
0.075
0.043
0.024
14
0.378
0.217
0.124
0.070
0.040
0.022
15
0.353
0.203
0.116
0.066
0.037
0.021
16
0.331
0.190
0.109
0.061
0.035
0.020
Example Calculations
Goal: Implement a filter with an input sample rate of 10 MHz
requiring 100 dB of alias rejection for a
±7 kHz pass band.
Solution: First determine the percentage of the sample rate that
is represented by the pass band.
BW
kHz
MHz
FRACTION
=¥
=
100
7
10
007
.
In the –100 dB column on the right of the table, look for a
value greater than or equal to your passband percentage of the
clock rate. Then look across to the extreme left column and
find the corresponding rate change factor (MrCIC2/LrCIC2). Referring
to the table, notice that for a MrCIC2/LrCIC2 of 4, the frequency
having –100 dB of alias rejection is 0.071%, which is slightly
greater than the 0.07% calculated. Therefore, for this example,
the maximum bound on rCIC2 rate change is 4. Choosing a
higher MrCIC2/LrCIC2 results in less alias rejection than the
required 100 dB.
An MrCIC2/LrCIC2 of less than 4 would still yield the required
rejection, however the power consumption can be minimized by
decimating as much as possible in this rCIC2 stage. Decimation
in rCIC2 lowers the data rate, and thus reduces power consumed
in subsequent stages. It should also be noted that there is more
than one way to get the decimation of 4. A decimation of 4 is
the same as an L/M ratio of 0.25. Thus, any integer combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com