Electronic Components Datasheet Search
  English  ▼

X  

ICL7660 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # ICL7660
Description  CMOS Voltage Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ICL7660 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  ICL7660 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd ICL7660 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA = 25
oC
Electrical Specifications
ICL7660 and ICL7660A, V+ = 5V, TA = 25
oC, C
OSC = 0, Test Circuit Figure 11
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7660
ICL7660A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Voltage Conversion Efficiency
VOUTEFF V+ = 3V, RL =
-
-
-
99
-
-
%
TMIN < TA < TMAX
-
-
-
99
-
-
%
Power Efficiency
PEFF
V+ = 3V, RL = 5k
-
-
-
96
-
-
%
TMIN < TA < TMAX
-
-
-
95
-
-
%
NOTES:
2. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs
from sources operating from external supplies be applied prior to “power up” of the ICL7660, ICL7660A.
3. Derate linearly above 50oC by 5.5mW/oC.
4. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, of the order of 5pF.
5. The Intersil ICL7660A can operate without an external diode over the full temperature and voltage range. This device will function in existing
designs which incorporate an external diode with no degradation in overall circuit performance.
Functional Block Diagram
V+
RC
OSCILLATOR
2
VOLTAGE
LEVEL
TRANSLATOR
CAP+
CAP-
VOUT
OSC
LV
VOLTAGE
REGULATOR
LOGIC
NETWORK
Typical Performance Curves (Test Circuit of Figure 11)
10
10K
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
6
4
100
2
0
-55
-25
0
25
50
100
125
TEMPERATURE (oC)
10
0
1
2
3
4
5
6
7
8
SUPPLY VOLTAGE (V+)
FIGURE 1. OPERATING VOLTAGE AS A FUNCTION OF
TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A FUNCTION
OF SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com