Electronic Components Datasheet Search
  English  ▼

X  

AD7475AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD7475AR
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475AR Datasheet(HTML) 1 Page - Analog Devices

  AD7475AR Datasheet HTML 1Page - Analog Devices AD7475AR Datasheet HTML 2Page - Analog Devices AD7475AR Datasheet HTML 3Page - Analog Devices AD7475AR Datasheet HTML 4Page - Analog Devices AD7475AR Datasheet HTML 5Page - Analog Devices AD7475AR Datasheet HTML 6Page - Analog Devices AD7475AR Datasheet HTML 7Page - Analog Devices AD7475AR Datasheet HTML 8Page - Analog Devices AD7475AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7475/AD7495
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
1 MSPS,
12-Bit ADCs
FUNCTIONAL BLOCK DIAGRAMS
T/H
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
AD7475
VIN
GND
VDD
SCLK
CS
CONTROL
LOGIC
SDATA
VDRIVE
REF IN
T/H
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
AD7495
VIN
GND
VDD
SCLK
CS
CONTROL
LOGIC
SDATA
VDRIVE
BUF
2.5V
REFERENCE
REF OUT
PRODUCT HIGHLIGHTS
1. High throughput with low power consumption. The
AD7475 offers 1 MSPS throughput rates with 4.5 mW
power consumption.
2. Single-supply operation with VDRIVE function. The AD7475/
AD7495 operate from a single 2.7 V to 5.25 V supply. The
VDRIVE function allows the serial interface to connect directly
to either 3 V or 5 V processor systems independent of VDD.
3. Flexible power/serial clock speed management. The con-
version rate is determined by the serial clock, allowing the
conversion time to be reduced through the serial clock speed
increase. The part also features shutdown modes to maximize
power efficiency at lower throughput rates. This allows the
average power consumption to be reduced while not convert-
ing. Power consumption is 1
µA when in full shutdown.
4. No pipeline delay. The part features a standard successive-
approximation ADC with accurate control of the sampling
instant via a
CS input and once off conversion control.
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low Power:
4.5 mW Max at 1 MSPS with 3 V Supplies
10.5 mW Max at 1 MSPS with 5 V Supplies
Wide Input Bandwidth:
68 dB SNR at 300 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High-Speed Serial Interface SPI™/QSPI™/
MICROWIRE™/DSP-Compatible
On-Board Reference 2.5 V (AD7495 Only)
Standby Mode: 1
A Max
8-Lead
SOIC and SOIC Packages
APPLICATIONS
Battery-Powered Systems
Personal Digital Assistants
Medical Instruments
Mobile Communications
Instrumentation and Control Systems
Data Acquisition Systems
High-Speed Modems
Optical Sensors
GENERAL DESCRIPTION
The AD7475/AD7495 are 12-bit high-speed, low-power,
successive-approximation ADCs. The parts operate from a single
2.7 V to 5.25 V power supply and feature throughput rates up to
1 MSPS. The parts contain a low-noise, wide bandwidth track/hold
amplifier that can handle input frequencies in excess of 1 MHz.
The conversion process and data acquisition are controlled using
CS and the serial clock allowing the devices to interface with
microprocessors or DSPs. The input signal is sampled on the
falling edge of
CS and conversion is also initiated at this point.
There are no pipelined delays associated with the part.
The AD7475/AD7495 use advanced design techniques to achieve
very low power dissipation at high throughput rates. With 3 V
supplies and 1 MSPS throughput rate, the AD7475 consumes just
1.5 mA, while the AD7495 consumes 2 mA. With 5 V supplies
and 1 MSPS, the current consumption is 2.1 mA for the AD7475
and 2.6 mA for the AD7495.
The analog input range for the part is 0 V to REF IN. The 2.5 V
reference for the AD7475 is applied externally to the REF IN pin
while the AD7495 has an on-board 2.5 V reference. The conver-
sion time is determined by the SCLK frequency.
MICROWIRE is a trademark of National Semiconductor Corporation.
SPI and QSPI are trademarks of Motorola, Inc.


Similar Part No. - AD7475AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7475AR AD-AD7475AR Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL AD-AD7475AR-REEL Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL AD-AD7475AR-REEL Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
AD7475AR-REEL7 AD-AD7475AR-REEL7 Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
More results

Similar Description - AD7475AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com