Electronic Components Datasheet Search
  English  ▼

X  

6MPS5 Datasheet(PDF) 13 Page - Texas Instruments

Part # 6MPS5
Description  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 9Page - Texas Instruments 6MPS5 Datasheet HTML 10Page - Texas Instruments 6MPS5 Datasheet HTML 11Page - Texas Instruments 6MPS5 Datasheet HTML 12Page - Texas Instruments 6MPS5 Datasheet HTML 13Page - Texas Instruments 6MPS5 Datasheet HTML 14Page - Texas Instruments 6MPS5 Datasheet HTML 15Page - Texas Instruments 6MPS5 Datasheet HTML 16Page - Texas Instruments 6MPS5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
www.national.com
12
Table 4
Input/Output Pins
Signal
Type
Active
Pin (* for a
shared pin)
Function
PF[0:7]
CMOS
High
*
Generic I/O port. Shared with T1A, T1B, T2A, T2B, RDX2, TDX2, CKX2.
PG[0:7]
CMOS
High
*
Generic I/O port. Shared with MDIDO, MDODI, MSK, MCS, MRDY, RDX1,
TDX1, CKX1.
PB[0:7]
CMOS
High
*
Generic I/O port.
PC[0:7]
CMOS
High
*
Generic I/O port.
PL[0:7]
CMOS
High
*
Generic I/O port. Shared with six comparator pins and four MIWU pins.
PI[0:7]
CMOS
High
*
Generic I/O port. Shared with ADC input channels 0-7 and four MIWU pins.
T1A
CMOS
Prog
*
Timer 1 input A. Shared with I/O port pin PF0.
T2A
CMOS
Prog
*
Timer 2 input A. Shared with I/O port pin PF4.
MDIDO
CMOS
High
*
Master In/Slave Out port: SPI/Microwire. Shared with I/O pin PG0.
MDODI
CMOS
High
*
Master Out/Slave In port: SPI/Microwire. Shared with I/O pin PG1.
MSK
CMOS
High
*
SPI/Microwire clock. Shared with I/O pin PG2.
CKX1
CMOS
High
*
USART 1 clock signal. Shared with I/O pin PG7.
CKK2
CMOS
High
*
USART 2 clock signal. Shared with I/O pin PF6.
Table 5
Power Supply
Signal
Function
Vcc
Main digital power supply.
Vref
Voltage reference supply for analog to digital converter.
AVcc
Analog power supply for analog/digital converter.
AGND
Analog reference ground supply.
GND
Main digital reference ground.
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com