Electronic Components Datasheet Search
  English  ▼

X  

AD7475BRM Datasheet(PDF) 12 Page - Analog Devices

Part # AD7475BRM
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475BRM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7475BRM Datasheet HTML 8Page - Analog Devices AD7475BRM Datasheet HTML 9Page - Analog Devices AD7475BRM Datasheet HTML 10Page - Analog Devices AD7475BRM Datasheet HTML 11Page - Analog Devices AD7475BRM Datasheet HTML 12Page - Analog Devices AD7475BRM Datasheet HTML 13Page - Analog Devices AD7475BRM Datasheet HTML 14Page - Analog Devices AD7475BRM Datasheet HTML 15Page - Analog Devices AD7475BRM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
AD7475/AD7495
–12–
cycle of 16 SCLKs must always elapse to power up the device
and fully acquire VIN; 1
µs will be sufficient to power the device
up and acquire the input signal. If, for example, a 5 MHz SCLK
frequency was applied to the ADC, the cycle time would be 3.2 s.
In one dummy cycle, 3.2
µs, the part would be powered up and
VIN fully acquired. However, after 1
µs with a 5 MHz SCLK,
only 5 SCLK cycles would have elapsed. At this stage, the ADC
would be fully powered up and the signal acquired. So, in this
case the
CS can be brought high after the tenth SCLK falling edge
and brought low again after a time tQUIET to initiate the conversion.
Full Power-Down Mode
This mode is intended for use in applications where slower
throughput rates are required than that in the partial power-down
mode, as power up from a full power-down would not be com-
plete in just one dummy conversion. This mode is more suited to
applications where a series of conversions performed at a relatively
high throughput rate would be followed by a long period of
inactivity and hence power-down. When the AD7475/AD7495
is in full power-down, all analog circuitry is powered down.
Full power-down is entered in a way similar to partial power-down,
except the timing sequence shown in Figure 14 must be executed
twice. The conversion process must be interrupted in a similar
fashion by bringing
CS high anywhere after the second falling
edge of SCLK and before the tenth falling edge of SCLK. The
device will enter partial power-down at this point. To reach full
power-down, the next conversion cycle must be interrupted
in the same way as shown in Figure 16. Once
CS has been
brought high in this window of SCLKs, then the part will
power down completely.
NOTE: It is not necessary to complete the 16 SCLKs once
CS
has been brought high to enter a power-down mode.
To exit full power-down, and power the AD7475/AD7495 up
again, a dummy conversion is performed as when powering
up from partial power-down. On the falling edge of
CS the
device will begin to power up, and will continue to power up as
long as
CS is held low until after the falling edge of the tenth
SCLK. The power-up time is longer than one dummy conversion
cycle however, and this time, tPOWER-UP, must elapse before
a conversion can be initiated as shown in Figure 17. (See
Timing Specifications.)
When power supplies are first applied to the AD7475/AD7495,
the ADC may power up in either of the power-down modes or
normal mode. Because of this, it is best to allow a dummy cycle
to elapse to ensure the part is fully powered up before attempt-
ing a valid conversion. Likewise, if it is intended to keep the part
in the partial power-down mode immediately after the supplies
are applied, then two dummy cycles must be initiated. The first
dummy cycle must hold
CS low until after the tenth SCLK
falling edge, Figure 13; in the second cycle
CS must be brought
high before the tenth SCLK edge but after the second SCLK
falling edge, Figure 14. Alternatively, if it is intended to place
the part in full power-down mode when the supplies have been
applied, then three dummy cycles must be initiated. The first
dummy cycle must hold
CS low until after the tenth SCLK
edge, Figure 13; the second and third dummy cycle place the
part in full power-down, Figure 16. See Modes of Operation
section. Once supplies are applied to the AD7475/AD7495,
enough time must be allowed, for the AD7475, for the external
reference to power up and charge the reference capacitor to its
final value. For the AD7495, enough time should be allowed for
the internal reference buffer to charge the reference capacitor.
Then, to place the AD7475/AD7495 in normal mode, a dummy
cycle, 1
µs, should be initiated. If the first valid conversion is then
performed directly after the dummy conversion, care must be
taken to ensure that adequate acquisition time has been allowed.
As mentioned earlier, when powering up from the power-down
mode, the part will return to track upon the first SCLK edge
applied after the falling edge of
CS. However, when the ADC
powers up initially after supplies are applied, the track-and-hold
will already be in track. This means (assuming one has the facil-
ity to monitor the ADC supply current) if the ADC powers up
SCLK
CS
SDATA
INVALID DATA
INVALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
16
2
10
2
THE PART ENTERS
FULL POWER-DOWN
THE PART ENTERS
PARTIAL POWER-DOWN
THREE-STATE
THREE-STATE
Figure 16. Entering Full Power-Down Mode
SCLK
CS
SDATA
INVALID DATA
VALID DATA
1
10
16
1
THE PART BEGINS
TO POWER UP
THE PART IS FULLY
POWERED UP
16
tPOWER-UP
Figure 17. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com