Electronic Components Datasheet Search
  English  ▼

X  

CSD85301Q2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85301Q2
Description  20V Dual N-Channel NexFET Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85301Q2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD85301Q2 Datasheet HTML 3Page - Texas Instruments CSD85301Q2 Datasheet HTML 4Page - Texas Instruments CSD85301Q2 Datasheet HTML 5Page - Texas Instruments CSD85301Q2 Datasheet HTML 6Page - Texas Instruments CSD85301Q2 Datasheet HTML 7Page - Texas Instruments CSD85301Q2 Datasheet HTML 8Page - Texas Instruments CSD85301Q2 Datasheet HTML 9Page - Texas Instruments CSD85301Q2 Datasheet HTML 10Page - Texas Instruments CSD85301Q2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CSD85301Q2
www.ti.com
SLPS521 – DECEMBER 2014
6 Device and Documentation Support
6.1 Trademarks
NexFET is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
6.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CSD85301Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com