Electronic Components Datasheet Search
  English  ▼

X  

DP8392C Datasheet(PDF) 8 Page - Texas Instruments

Part # DP8392C
Description  Coaxial Transceiver Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8392C Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP8392C Datasheet HTML 4Page - Texas Instruments DP8392C Datasheet HTML 5Page - Texas Instruments DP8392C Datasheet HTML 6Page - Texas Instruments DP8392C Datasheet HTML 7Page - Texas Instruments DP8392C Datasheet HTML 8Page - Texas Instruments DP8392C Datasheet HTML 9Page - Texas Instruments DP8392C Datasheet HTML 10Page - Texas Instruments DP8392C Datasheet HTML 11Page - Texas Instruments DP8392C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
70 Absolute Maximum Ratings (Note 1)
Supply Voltage (VEE)
b
12V
Package Power Rating at 25 C
35 Watts
(PC Board Mounted)
See Section 5
Derate linearly at the rate of 286 mW C
Input Voltage
0 to b12V
Storage Temperature
b
65 to 150 C
Lead Temp (Soldering 10 seconds)
260 C
For actual power dissipation of the device please refer to section 70
Recommended Operating
Conditions
Supply Voltage (VEE)
b
9v g5%
Ambient Temperature
0 to 70 C
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
80 DP8392C Electrical Characteristics VEE eb9V g5% TA e 0 to 70 C (Notes23)
All parameters with respect to CDg and RXg are measured after the pulse transformer except VOC
Symbol
Parameter
Min
Typ
Max
Units
IEE1
Supply current out of VEE pinnon transmitting
b
85
b
130
mA
IEE2
Supply current out of VEE pintransmitting
b
125
b
180
mA
IRXI
Receive input bias current (RXI)
b
2
a
25
m
A
ITDC
Transmit output dc current level (TXO)
37
41
45
mA
ITAC
Transmit output ac current level (TXO)
g
28
ITDC
mA
VCD
Collision threshold (Receive mode)
b
145
b
153
b
158
V
VOD
Differential output voltage (RXg CDg)
g
550
g
1200
mV
VOC
Common mode output voltage (RXg CDg)
b
15
b
20
b
25
V
VOB
Diff output voltage imbalance (RXg CDg)
g
40
mV
VTS
Transmitter squelch threshold (TXg)
b
175
b
225
b
300
mV
CX
Input capacitance (RXI)
12
pF
RRXI
Shunt resistancenon transmitting (RXI)
100
KX
RTXO
Shunt resistancetransmitting (TXO)
10
KX
90 DP8392C-1 Electrical Characteristics VEE eb9V g5% TA e 0 to 70 C (Notes23)
All parameters with respect to CDg and RXg are measured after the pulse transformer except VOC
Symbol
Parameter
Min
Typ
Max
Units
IEE1
Supply current out of VEE pinnon transmitting
b
85
b
130
mA
IEE2
Supply current out of VEE pintransmitting
b
125
b
180
mA
IRXI
Receive input bias current (RXI)
b
2
a
25
m
A
ITDC
Transmit output dc current level (TXO)
37
41
45
mA
ITAC
Transmit output ac current level (TXO)
g
28
ITDC
mA
VCD
Collision threshold (Receive mode)
b
145
b
153
b
158
V
VOD
Differential output voltage (RXg CDg)
g
550
g
1200
mV
VOC
Common mode output voltage (RXg CDg)
b
15
b
20
b
25
V
VOB
Diff output voltage imbalance (RXg CDg)
g
40
mV
VTS
Transmitter squelch threshold (TXg)
b
175
b
225
b
275
mV
CX
Input capacitance (RXI)
12
pF
RRXI
Shunt resistancenon transmitting (RXI)
100
KX
RTXO
Shunt resistancetransmitting (TXO)
75K
10
KX
Note 1
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits
Note 2
All currents into device pins are positive all currents out of device pins are negative All voltages referenced to ground unless otherwise specified
Note 3
All typicals are given for VEE eb9V and TA e 25 C
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com