Electronic Components Datasheet Search
  English  ▼

X  

DP8570A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DP8570A
Description  DP8570A Timer Clock Peripheral
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8570A Datasheet(HTML) 21 Page - Texas Instruments

Back Button DP8570A Datasheet HTML 17Page - Texas Instruments DP8570A Datasheet HTML 18Page - Texas Instruments DP8570A Datasheet HTML 19Page - Texas Instruments DP8570A Datasheet HTML 20Page - Texas Instruments DP8570A Datasheet HTML 21Page - Texas Instruments DP8570A Datasheet HTML 22Page - Texas Instruments DP8570A Datasheet HTML 23Page - Texas Instruments DP8570A Datasheet HTML 24Page - Texas Instruments DP8570A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Control and Status Register Address Bit Map
D7
D6
D5
D4
D3
D2
D1
D0
1 Reset by
Main Status Register
PS e 0RS e 0
ADDRESS e 00H
writing
RW
RW
RW1
RW1
RW1
RW1
R2
R3
1 to bit
Page
Register
Timer 1
Timer 0
Alarm
Periodic
Power Fail
Interrupt
2 Setreset by
Select
Select
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Status
voltage at
PFAIL pin
3 Reset when
all pending
interrupts
are removed
Timer 0 Control Register
PS e 0RS e 0
Address e 01H
Count Hold
Timer
Input Clock
Input Clock
Input Clock
Mode
Mode
Timer
All Bits RW
Gate
Read
Select C2
Select C1
Select C0
Select M1
Select M0
StartStop
Timer 1 Control Register
PS e 0RS e 0
Address e 02H
Count Hold
Timer
Input Clock
Input Clock
Input Clock
Mode
Mode
Timer
All Bits RW
Gate
Read
Select C2
Select C1
Select C0
Select M1
Select M0
StartStop
Periodic Flag Register
PS e 0RS e 0
Address e 03H
4 Read Osc fail
RW
RW4
R5
R5
R5
R5
R5
R5
Write 0 Batt-
Test
Osc Fail
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
Backed Mode
Mode
Single Supply
Flag
Flag
Flag
Flag
Flag
Flag
Write 1 Single
Supply Mode
5 Reset by
positive edge
of read
Interrupt Routing Register
PS e 0RS e 0
Address e 04H
RW
R6
RW
RW
RW
RW
RW
RW
Time Save
Low Battery
Power Fail
Timer 1
Timer 0
Alarm
Periodic
Power Fail
6 Set and reset
by VBB
Enable
Flag
Delay
Int Route
Int Route
Int Route
Int Route
Int Route
voltage
Enable
MFOINT
MFOINT
MFOINT
MFOINT
MFOINT
Real Time Mode Register
PS e 0RS e 1
Address e 01H
Crystal
Crystal
Timers EN
Interrupt EN
Clock
1224 Hr
Leap Year
Leap Year
All Bits RW
Freq XT1
Freq XT0
on Back-Up
on Back-Up
StartStop
Mode
MSB
LSB
Output Mode Register
PS e 0RS e 1
Address e 02H
MFO as
MFO as
MFO
MFO
INTR
INTR
T1
T1
All Bits RW
Crystal
Timer 0
PPOD
Active HILO
PPOD
Active HILO
PPOD
Active HILO
Interrupt Control Register 0
PS e 0RS e 1
Address e 03H
Timer 1
Timer 0
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Interrupt Control Register 1
PS e 0RS e 1
Address e 04H
Power Fail
Alarm
DOW
Month
DOM
Hours
Minute
Second
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Enable
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com