Electronic Components Datasheet Search
  English  ▼

X  

DP83848C Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848C
Description  Industrial Controls and Factory Automation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848C Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83848C Datasheet HTML 9Page - Texas Instruments DP83848C Datasheet HTML 10Page - Texas Instruments DP83848C Datasheet HTML 11Page - Texas Instruments DP83848C Datasheet HTML 12Page - Texas Instruments DP83848C Datasheet HTML 13Page - Texas Instruments DP83848C Datasheet HTML 14Page - Texas Instruments DP83848C Datasheet HTML 15Page - Texas Instruments DP83848C Datasheet HTML 16Page - Texas Instruments DP83848C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
DP83848C, DP83848I
DP83848VYB, DP83848YB
www.ti.com
SNLS266E – MAY 2007 – REVISED MARCH 2015
5.6
AC Timing Requirements
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
POWER-UP TIMING
MDIO is pulled high for 32-bit serial
Post Power-Up Stabilization
management initialization
T2.1.1
time prior to MDC preamble for
167
ms
X1 Clock must be stable for a min.
register accesses(1)
of 167 ms at power up.
Hardware Configuration Pins are
described in the Section 4 section.
Hardware Configuration Latch-
T2.1.2
167
ms
in Time from power up(1)
X1 Clock must be stable for a min.
of 167 ms at power up.
Hardware Configuration pins
T2.1.3
50
ns
transition to output drivers
RESET TIMING
Post RESET Stabilization time
MDIO is pulled high for 32-bit serial
T2.2.1
prior to MDC preamble for
3
µs
management initialization
register accesses(2)
Hardware Configuration Latch-
Hardware Configuration Pins are
T2.2.2
in Time from the Deassertion of
3
µs
described in the Section 4 section
RESET (either soft or hard)(2)
Hardware Configuration pins
T2.2.3
50
ns
transition to output drivers
X1 Clock must be stable for at min.
T2.2.4
RESET pulse width
of 1us during RESET pulse low
1
µs
time.
MII SERIAL MANAGEMENT TIMING
MDC to MDIO (Output) Delay
T2.3.1
0
30
ns
Time
MDIO (Input) to MDC Setup
T2.3.2
10
ns
Time
MDIO (Input) to MDC Hold
T2.3.3
10
ns
Time
T2.3.4
MDC Frequency
2.5
25
MHz
100 Mb/s MII TRANSMIT TIMING
T2.4.1
TX_CLK High/Low Time
100 Mb/s Normal mode
16
20
24
ns
TXD[3:0], TX_EN Data Setup to
T2.4.2
100 Mb/s Normal mode
10
ns
TX_CLK
TXD[3:0], TX_EN Data Hold
T2.4.3
100 Mb/s Normal mode
0
ns
from TX_CLK
100 Mb/s MII RECEIVE TIMING
T2.5.1
RX_CLK High/Low Time(3)
100 Mb/s Normal mode
16
20
24
ns
RX_CLK to RXD[3:0], RX_DV,
T2.5.2
100 Mb/s Normal mode
10
30
ns
RX_ER Delay
100BASE-TX MII TRANSMIT PACKET LATENCY TIMING
TX_CLK to PMD Output Pair
T2.6.1
100BASE-TX mode
6
bits
Latency(4)
100BASE-TX TRANSMIT PACKET DEASSERTION TIMING
TX_CLK to PMD Output Pair
T2.7.1
100BASE-TX mode
5
bits
Deassertion(5)
(1)
In RMII Mode, the minimum Post Power-up Stabilization and Hardware Configuration Latch-in times are 84ms.
(2)
It is important to choose pullup and/or pulldown resistors for each of the hardware configuration pins that provide fast RC time constants
in order to latch-in the proper value prior to the pin transitioning to an output driver.
(3)
RX_CLK may be held low or high for a longer period of time during transition between reference and recovered clocks. Minimum high
and low times will not be violated.
(4)
For Normal mode, latency is determined by measuring the time from the first rising edge of TX_CLK occurring after the assertion of
TX_EN to the first bit of the “J” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode.
(5)
Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deassertion of TX_EN to the
first bit of the “T” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100 Mb/s mode.
Copyright © 2007–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: DP83848C DP83848I DP83848VYB DP83848YB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com