Electronic Components Datasheet Search
  English  ▼

X  

DP8573AV Datasheet(PDF) 15 Page - Texas Instruments

Part # DP8573AV
Description  DP8573A Real Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8573AV Datasheet(HTML) 15 Page - Texas Instruments

Back Button DP8573AV Datasheet HTML 10Page - Texas Instruments DP8573AV Datasheet HTML 11Page - Texas Instruments DP8573AV Datasheet HTML 12Page - Texas Instruments DP8573AV Datasheet HTML 13Page - Texas Instruments DP8573AV Datasheet HTML 14Page - Texas Instruments DP8573AV Datasheet HTML 15Page - Texas Instruments DP8573AV Datasheet HTML 16Page - Texas Instruments DP8573AV Datasheet HTML 17Page - Texas Instruments DP8573AV Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Hints (Continued)
5
Test bit D6 in the Periodic Flag Register
IFa1
go to 41 If this bit remains a 1 after 3 seconds
then abort and check hardware The crystal may be de-
fective or not installed There may be a short at OSC IN
or OSC OUT to VCC or GND or to some impedance that
is less than 10 MX
IFa0
then the oscillator is running go to step 7
6
Writea0tobit D6 in the Periodic Flag Register This
action puts the clock chip in the battery backed mode
This mode can be entered only if the OSC fail flag (bit
D6 of the Periodic Flag Register) is a 0 Reminder bit D6
is a dual function bit When read D6 returns oscillator
status When written D6 causes either the Battery
Backed Mode or the Single Supply Mode of operation
The only method to ensure the chip is in the battery
backed mode is to measure the waveform at the OSC
OUT pin If the battery backed mode was selected suc-
cessfully then the peak to peak waveform at OSC OUT
is referenced to the battery voltage If not in battery
backed mode the waveform is referenced to VCC The
measurement should be made with a high impedance
low capacitance probe (10 MX 10 pF oscilloscope
probe or better) Typical peak to peak swings are within
06V of VCC and ground respectively
7
Writea1tobit D7 of Interrupt Control Register 1 This
action enables the PFAIL pin and associated circuitry
8
Writea1tobit D4 of the Real Time Mode Register This
action ensures that bit D7 of Interrupt Control Register 1
remains a 1 when VBB l VCC (Standby Mode)
9
Initialize the rest of the chip as needed
Typical Application
TLF9981 – 19
These components may be necessary to meet UL requirements
for lithium batteries Consult battery manufacturer
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com