Electronic Components Datasheet Search
  English  ▼

X  

DRA744 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRA744
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA744 Datasheet(HTML) 2 Page - Texas Instruments

  DRA744 Datasheet HTML 1Page - Texas Instruments DRA744 Datasheet HTML 2Page - Texas Instruments DRA744 Datasheet HTML 3Page - Texas Instruments DRA744 Datasheet HTML 4Page - Texas Instruments DRA744 Datasheet HTML 5Page - Texas Instruments DRA744 Datasheet HTML 6Page - Texas Instruments DRA744 Datasheet HTML 7Page - Texas Instruments DRA744 Datasheet HTML 8Page - Texas Instruments DRA744 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 443 page
background image
2
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
1.2
Applications
•
Human-Machine Interface (HMI)
•
Navigation
•
Digital and Analog Radio
•
Rear Seat Entertainment
•
Multimedia Playback
•
Web Browsing
•
ADAS Integration
1.3
Description
DRA75x and DRA74x (Jacinto 6) infotainment applications processors are built to meet the intense
processing needs of the modern infotainment-enabled automobile experiences.
The device enables Original-Equipment Manufacturers (OEMs) and Original-Design Manufacturers
(ODMs) to quickly implement innovative connectivity technologies, speech recognition, audio streaming,
and more. Jacinto 6 devices bring high processing performance through the maximum flexibility of a fully
integrated mixed processor solution. The devices also combine programmable video processing with a
highly integrated peripheral set.
Programmability is provided by dual-core ARM Cortex-A15 RISC CPUs with Neon™ extension, TI C66x
VLIW floating-point DSP core, and Vision AccelerationPac (with one or more EVEs). The ARM allows
developers to keep control functions separate from other algorithms programmed on the DSP and
coprocessors, thus reducing the complexity of the system software.
Additionally, TI provides a complete set of development tools for the ARM, DSP, and EVE coprocessor,
including C compilers and a debugging interface for visibility into source code.
The DRA75x and DRA74x Jacinto 6 processor family is qualified according to the AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
DRA74x
FCBGA (760)
23.0 mm × 23.0 mm
DRA75x
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com