Electronic Components Datasheet Search
  English  ▼

X  

DRV201 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201
Description  DRV201 Voice Coil Motor Driver for Camera Auto Focus
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV201 Datasheet HTML 9Page - Texas Instruments DRV201 Datasheet HTML 10Page - Texas Instruments DRV201 Datasheet HTML 11Page - Texas Instruments DRV201 Datasheet HTML 12Page - Texas Instruments DRV201 Datasheet HTML 13Page - Texas Instruments DRV201 Datasheet HTML 14Page - Texas Instruments DRV201 Datasheet HTML 15Page - Texas Instruments DRV201 Datasheet HTML 16Page - Texas Instruments DRV201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DRV201 ADDRESS
0
0
0
1
1
1
0
1
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER K+1
K+2
DATA
DATA
L bytes of DATA
REGISTER NUMBER K+L-1
K+L
DRV201 ADDRESS
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER M
DATA
REGISTER NUMBER M+1
M+2
DATA
REGISTER NUMBER M+L-1
M+L
L bytes of DATA
DRV201 ADDRESS
0
0
0
1
1
1
0
1
DATA
REGISTER NUMBER M
REGISTER NUMBER M+1
K+2
DATA
DATA
L bytes of DATA
REGISTER NUMBER M+L-1
M+L
DRV201 ADDRESS
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
CURRENT REGISTER NUMBER K
DRV201 ADDRESS
0
0
0
1
1
1
0
1
DATA
DRV201 ADDRESS
0
0
0
1
1
1
0
1
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER K+1
K+2
DRV201
www.ti.com
SLVSB25C – AUGUST 2011 – REVISED JUNE 2015
Programming (continued)
Figure 8. Single Read from the Current Location
7.5.1.3 Sequential Read and Write
Sequential read and write allows simple and fast access to DRV201 registers. Figure 9 shows sequential read
from a defined location. If the master doesn’t issue a stop condition after giving ACK, DRV201 auto increments
the register number and writes the data from the next register.
Figure 9. Sequential Read from a Defined Location
Figure 10 shows the sequential write. If the master doesn’t issue a stop condition after giving ACK, DRV201 auto
increments it’s register by one and the master can write to the next register.
Figure 10. Sequential Write
If read is started without writing the register value first, DRV201 writes out data from the current location. If the
master doesn’t issue a stop condition after giving ACK, DRV201 auto increments the I2C register and writes out
the data. This continues until the master issues a stop condition. This is shown in Figure 11.
Figure 11. Sequential Read Starting from a Current Location
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com