Electronic Components Datasheet Search
  English  ▼

X  

AD8555 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8555
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8555 Datasheet HTML 18Page - Analog Devices AD8555 Datasheet HTML 19Page - Analog Devices AD8555 Datasheet HTML 20Page - Analog Devices AD8555 Datasheet HTML 21Page - Analog Devices AD8555 Datasheet HTML 22Page - Analog Devices AD8555 Datasheet HTML 23Page - Analog Devices AD8555 Datasheet HTML 24Page - Analog Devices AD8555 Datasheet HTML 25Page - Analog Devices AD8555 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8555
Rev. 0 | Page 22 of 28
IN01
IN02
IN03
IN04
IN05
IN06
IN07
IN08
IN09
IN10
IN11
IN12
IN13
IN14
IN15
IN16
IN17
IN18
VA0
VA1
VA2
VB0
VB1
VB2
VB3
VB4
VB5
VB6
VC0
VC1
VC2
VC3
VC4
VC5
VC6
VC7
EOR18
OUT
I0
DOT_SUM
PAR_SUM
PFUSE
MFUSE
IN1
IN2
EOR2
AND2
IN1
IN2
PARITY_ERROR
I1
OUT
I2
OUT
Figure 52. Functional Circuit of AD8555 Parity Check
Table 13. Examples of DAT_SUM
Second Stage Gain Code
First Stage Gain Code
Output Offset Code
Number of Bits with 1
DAT_SUM
000
000 0000
0000 0000
0
0
000
000 0000
1000 0000
1
1
000
000 0000
1000 0001
2
0
000
000 0001
0000 0000
1
1
000
100 0001
0000 0000
2
0
001
000 0000
0000 0000
1
1
001
000 0001
1000 0000
3
1
111
111 1111
1111 1111
18
0
VA0 to VA2 is the 3-bit control signal for the second stage gain,
VB0 to VB6 is the 7-bit control signal for the first stage gain,
and VC0 to VC7 is the 8-bit control signal for the output offset.
PFUSE is the signal from the parity fuse, and MFUSE is the
signal from the master fuse.
The function of the 2-input AND gate (cell and2) is to ignore
the output of the parity circuit (signal PAR_SUM) when the
master fuse has not been blown. PARITY_ERROR is set to 0
when MFUSE = 0. In the simulation mode, for example, parity
check is disabled. After the master fuse has been blown, i.e.,
after the AD8555 has been programmed, the output from the
parity circuit (signal PAR_SUM) is fed to PARITY_ERROR.
When PARITY_ERROR is 0, the AD8555 behaves as a pro-
grammed amplifier. When PARITY_ERROR is 1, a parity error
has been detected, and VOUT is connected to VSS.
The 18-bit data signal (VA0 to VA2, VB0 to VB6, and VC0 to
VC7) is fed to an 18-input exclusive-OR gate (Cell EOR18). The
output of Cell EOR18 is the signal DAT_SUM. DAT_SUM = 0 if
there is an even number of 1s in the 18-bit word; DAT_SUM =
1 if there is an odd number of 1s in the 18-bit word. Examples
are given in Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com