Electronic Components Datasheet Search
  English  ▼

X  

AD8555AR Datasheet(PDF) 28 Page - Analog Devices

Part # AD8555AR
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555AR Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8555AR Datasheet HTML 20Page - Analog Devices AD8555AR Datasheet HTML 21Page - Analog Devices AD8555AR Datasheet HTML 22Page - Analog Devices AD8555AR Datasheet HTML 23Page - Analog Devices AD8555AR Datasheet HTML 24Page - Analog Devices AD8555AR Datasheet HTML 25Page - Analog Devices AD8555AR Datasheet HTML 26Page - Analog Devices AD8555AR Datasheet HTML 27Page - Analog Devices AD8555AR Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD8555
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 63. 8-Lead Standard Small Outline Package [SOIC] Narrow Body
(R-8)
Dimensions shown in millimeters (inches)
16
5
13
8
9
12
1
4
BOTTOM
VIEW
2.25
2.10 SQ
1.95
0.75
0.60
0.50
0.65 BSC
1.95 BSC
0.35
0.28
0.25
12° MAX
0.20 REF
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
4.0
BSC SQ
3.75
BSC SQ
0.60 MAX
0.60 MAX
0.05 MAX
0.02 NOM
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
COPLANARITY
0.08
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
Figure 64. 16-Lead Lead Frame Chip Scale Package [LFCSP] 4 mm × 4 mm Body
(CP-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8555AR
−40°C to +125°C
8-Lead SOIC
R-8
AD8555AR-REEL
−40°C to +125°C
8-Lead SOIC
R-8
AD8555AR-REEL7
−40°C to +125°C
8-Lead SOIC
R-8
AD8555AR-EVAL
Evaluation Board
AD8555ACP-R2
−40°C to +125°C
16-Lead LFCSP
CP-16
AD8555ACP-REEL
−40°C to +125°C
16-Lead LFCSP
CP-16
AD8555ACP-REEL7
−40°C to +125°C
16-Lead LFCSP
CP-16
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective owners.
D04598–0–4/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com