Electronic Components Datasheet Search
  English  ▼

X  

BQ4285LP Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4285LP
Description  Enhanced RTC With NVRAM Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4285LP Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4285LP Datasheet HTML 3Page - Texas Instruments BQ4285LP Datasheet HTML 4Page - Texas Instruments BQ4285LP Datasheet HTML 5Page - Texas Instruments BQ4285LP Datasheet HTML 6Page - Texas Instruments BQ4285LP Datasheet HTML 7Page - Texas Instruments BQ4285LP Datasheet HTML 8Page - Texas Instruments BQ4285LP Datasheet HTML 9Page - Texas Instruments BQ4285LP Datasheet HTML 10Page - Texas Instruments BQ4285LP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Alarm Interrupt
The alarm interrupt request is valid in battery-backup
mode, providing a “wake-up” capability. During each up-
date cycle, the RTC compares the hours, minutes, and
seconds bytes with the three corresponding alarm bytes.
If a match of all bytes is found, the alarm interrupt
event flag bit, AF in register C, is set to 1. If the alarm
event is enabled, an interrupt request is generated.
An alarm byte may be removed from the comparison by
setting it to a “don’t care” state. An alarm byte is set to a
“don’t care” state by writinga1toeachofitstwo most-
significant bits. A “don’t care” state may be used to select
the frequency of alarm interrupt events as follows:
n
If none of the three alarm bytes is “don’t care,” the
frequency is once per day, when hours, minutes, and
seconds match.
n
If only the hour alarm byte is “don’t care,” the
frequency is once per hour, when minutes and
seconds match.
n
If only the hour and minute alarm bytes are “don’t care,”
the frequency is once per minute, when seconds match.
n
If the hour, minute, and second alarm bytes are
“don’t care,” the frequency is once per second.
Update Cycle Interrupt
The update cycle ended flag bit (UF) in register C is set to
a 1 at the end of an update cycle. If the update interrupt
enable bit (UIE) of register B is 1, and the update transfer
inhibit bit (UTI) in register B is 0, then an interrupt re-
quest is generated at the end of each update cycle.
Accessing RTC bytes
Time and calendar bytes read during an update cycle
may be in error. Three methods to access the time and
calendar bytes without ambiguity are:
n
Enable the update interrupt event to generate
interrupt requests at the end of the update cycle.
The interrupt handler has a maximum of 999ms to
access the clock bytes before the next update cycle
begins (see Figure 3).
n
Poll the update-in-progress bit (UIP) in register A. If
UIP = 0, the polling routine has a minimum of tBUC
time to access the clock bytes (see Figure 3).
n
Use
the
periodic
interrupt
event
to
generate
interrupt requests every tPI time, such that UIP = 1
always occurs between the periodic interrupts. The
interrupt handler will have a minimum of
tPI/2 +
tBUC time to access the clock bytes (see Figure 3).
Oscillator Control
When power is first applied to the bq4285E/L and VCC is
above VPFD, the internal oscillator and frequency divider
are turned on by writing a 010 pattern to bits 4 through 6
of register A. A pattern of 011 behaves as 010 but addi-
tionally transforms register C into a read/write register.
This allows the 32.768kHz output on the square wave pin
to be turned on. A pattern of 11X turns the oscillator on,
but keeps the frequency divider disabled. Any other pat-
tern to these bits keeps the oscillator off.
7
bq4285E/L
Figure 3. Update-Ended/Periodic Interrupt Relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com