Electronic Components Datasheet Search
  English  ▼

X  

CER0664A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0664A
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0664A Datasheet(HTML) 2 Page - CTS Corporation

  CER0664A Datasheet HTML 1Page - CTS Corporation CER0664A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0664A
1732.5 MHz Monoblock BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Input
Output
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
16.42
max
B
4.2
0.13
C
5.3
0.13
D
4.85
max
E
6.3
max
F
0.51
0.13
G
0.51
0.13
H
1.02
0.13
I
1.02
0.13
J
7.4
max
Customer Feed Direction
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
3.1
REEL QUANTITY
ea.
500
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-
-80
-70
-60
-50
-40
-30
-20
-10
0
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
-40
-30
-20
-10
0
10
20
30
40
CTS
664
YWW
Revision B – Origin Date: May 28, 2008 – Revision Date: July 27, 2011
32.0/1.26”
7.6/0.30” 16.7/0.658”
5.1/0.201”
12.0/0.473”
CER0664A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com