Electronic Components Datasheet Search
  English  ▼

X  

AD9289BBC-65EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9289BBC-65EB
Description  Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC-65EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9289BBC-65EB Datasheet HTML 8Page - Analog Devices AD9289BBC-65EB Datasheet HTML 9Page - Analog Devices AD9289BBC-65EB Datasheet HTML 10Page - Analog Devices AD9289BBC-65EB Datasheet HTML 11Page - Analog Devices AD9289BBC-65EB Datasheet HTML 12Page - Analog Devices AD9289BBC-65EB Datasheet HTML 13Page - Analog Devices AD9289BBC-65EB Datasheet HTML 14Page - Analog Devices AD9289BBC-65EB Datasheet HTML 15Page - Analog Devices AD9289BBC-65EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD9289
Preliminary Technical Data
Rev. PrJ | Page 16 of 16
6/25/2004
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Ordering Guide
Model
Temperature Range
Description
AD9289BBC-65
-40
°C to +85°C (Ambient)
64 CSP_BGA
AD9289BBC-65EB
25°C (Ambient)
Evaluation Board
Table 8: Ordering Guide
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective
companies.
Printed in the U.S.A.
PR03682-0-6/04(PrJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com