Electronic Components Datasheet Search
  English  ▼

X  

CER0671C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0671C
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0671C Datasheet(HTML) 2 Page - CTS Corporation

  CER0671C Datasheet HTML 1Page - CTS Corporation CER0671C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-80
-70
-60
-50
-40
-30
-20
-10
0
798
848
898
948
998
-40
-30
-20
-10
0
10
20
30
40
CER0671C
897.5 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
32.50
Max
B
12.20
max
C
1.52
0.13
D
1.02
0.13
E
1.02
0.13
F
6.27
0.25
G
19.46
0.13
H
8.00
Max
I
1.52
0.13
J
13.47
Max
Product Marking
CTS
71C
YWW
DIMENSION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
4.2
REEL QUANTITY
ea.
250
H
A
J
B
F
G
C
D
E
I
Rev 1 – Origin Date: February 16, 2009 – Revision Date: February 4, 2010
Wo
Ao
Bo
Ko
Po
Inc hes/mm
Inches/mm
Inc hes /mm
Inches/mm
Inches/mm
1.732 / 44.0
0.531 / 13.5 1.291 / 32.8
0.334 / 8.5
0.787 / 20.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com