Electronic Components Datasheet Search
  English  ▼

X  

CER0702C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0702C
Description  Surface mount, silver (Ag) coated ceramic duplexer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0702C Datasheet(HTML) 2 Page - CTS Corporation

  CER0702C Datasheet HTML 1Page - CTS Corporation CER0702C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Drawing
CER0702C
859 MHz Actiplex® Series Duplexer
Revision A – Origin Date: July 13, 2011 – Revision Date: July 13, 2011
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE – Albuquerque, NM 87113 -
Electrical response
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
132.0
Max
B
24.5
Max
C
19.9
Max
D
27.0
Max
PCB Layout
For additional detail and the latest
drawing please contact CTS
836.5 MHz
ANT
881.5 MHz
881.5
MHz
ANT
836.5
MHz
-120
-100
-80
-60
-40
-20
0
700
800
900
1000
1100
S21
S11
S12
S22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com