Electronic Components Datasheet Search
  English  ▼

X  

CER0728B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0728B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0728B Datasheet(HTML) 2 Page - CTS Corporation

  CER0728B Datasheet HTML 1Page - CTS Corporation CER0728B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0728B
881.5 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X1
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
25.47
Max
B
11.46
Max
C
1.02
0.13
D
0.51
0.13
E
0.51
0.13
F
8.51
0.13
G
8.51
0.13
H
6.50
Max
I
1.02
0.13
J
12.56
Max
K
4.06
0.13
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
3.6
REEL QUANTITY
ea.
400
Customer Feed Direction
CTS
28B
YWW
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
600
700
800
900
1000 1100 1200 1300 1400
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
1.732" / 44.0 0.571" / 14.5 1.012" / 25.7 0.268" / 6.8 0.787" / 20.0
Revision – Origin Date: July 28, 2011 – Revision Date: July 28, 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com