Electronic Components Datasheet Search
  English  ▼

X  

CER0752C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0752C
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0752C Datasheet(HTML) 2 Page - CTS Corporation

  CER0752C Datasheet HTML 1Page - CTS Corporation CER0752C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0752C
2655 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
43.0
max
B
6.6
max
C
1.63
0.13
D
0.86
0.13
E
0.86
0.13
F
11.79
0.13
G
11.79
0.13
H
8.4
max
I
1.63
0.13
J
8.1
max
Customer Feed Direction
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
3.48
REEL QUANTITY
ea.
400
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
2.205" / 56.0 0.343" / 8.7 1.705" / 43.3 0.343" / 8.7 0.630" / 16.0
Product Marking
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-
CTS
52C
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
2100
2320
2540
2760
2980
3200
-40
-30
-20
-10
0
10
20
30
40
Revision B – Origin Date: November 5, 2009 – Revision Date: July 11, 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com