Electronic Components Datasheet Search
  English  ▼

X  

CER0775C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0775C
Description  Surface mount, silver (Ag) coated ceramic duplexer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0775C Datasheet(HTML) 2 Page - CTS Corporation

  CER0775C Datasheet HTML 1Page - CTS Corporation CER0775C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB Layout
For additional detail and the latest
drawing please contact CTS
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd NE - Albuquerque, NM 87113 -
Electrical response
PCB Layout
Packaging and Marking
Mechanical Drawing
CER0775C
AWS Actiplex® Series Duplexer
Rev A – Origin Date June 27, 2011 - Revision Date: July 28, 2011
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
133.10
0.50
B
7.75
0.25
C
19.90
0.25
D
12.70
0.50
2132.5
MHz
Ant.
1732.5
MHz
ANT
1732.5 MHz
2132.5 MHz
-80
-70
-60
-50
-40
-30
-20
-10
0
1600
1700
1800
1900
2000
2100
2200
2300
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com