Electronic Components Datasheet Search
  English  ▼

X  

BQ3285E Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3285E
Description  Real-Time Clock (RTC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285E Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ3285E Datasheet HTML 8Page - Texas Instruments BQ3285E Datasheet HTML 9Page - Texas Instruments BQ3285E Datasheet HTML 10Page - Texas Instruments BQ3285E Datasheet HTML 11Page - Texas Instruments BQ3285E Datasheet HTML 12Page - Texas Instruments BQ3285E Datasheet HTML 13Page - Texas Instruments BQ3285E Datasheet HTML 14Page - Texas Instruments BQ3285E Datasheet HTML 15Page - Texas Instruments BQ3285E Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
Recommended DC Operating Conditions—bq3285E (T
A = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VCC
Supply voltage
4.5
5.0
5.5
V
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
VBC
Backup cell voltage
2.5
-
4.0
V
Note:
Typical values indicate operation at TA = 25°C.
Recommended DC Operating Conditions—bq3285L (T
A = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VCC
Supply voltage
2.7
3.15
3.6
V
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.6
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
VBC
Backup cell voltage
2.4
-
4.0
V
Note:
Typical values indicate operation at TA = 25°C.
Crystal Specifications—bq3285E/L (DT-26 or Equivalent)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
fO
Oscillation frequency
-
32.768
-
kHz
CL
Load capacitance
-
6
-
pF
TP
Temperature turnover point
20
25
30
°C
k
Parabolic curvature constant
-
-
-0.042
ppm/°C
Q
Quality factor
40,000
70,000
-
R1
Series resistance
-
-
45
K
Ω
C0
Shunt capacitance
-
1.1
1.8
pF
C0/C1
Capacitance ratio
-
430
600
DL
Drive level
-
-
1
µW
∆f/fO
Aging (first year at 25°C)
-
1
-
ppm
bq3285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com