Electronic Components Datasheet Search
  English  ▼

X  

BM Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # BM
Description  BM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

BM Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  BM Datasheet HTML 1Page - Sharma Electro Components,Inc BM Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT(RC(mArms) / 120Hz,105℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
100
10x12.5
270
10x12.5
195
220
10x12.5
325
13x16
450
13x16
375
330
10x12.5
360
10x12.5
400
13x16
510
13x16
555
16x16
460
470
10x12.5
410
10x12.5
440
13x16
610
13x16
650
16x16
730
16x20
710
1000
10x12.5
440
10x12.5
520
13x16
730
16x20
940
16x20
870
18x20
1050
18x26
970
2200
13x16
790
13x16
850
16x16
1000
16x20
1140
18x20
1290
3300
16x16
1070
16x16
1100
16x20
1280
18x26
1530
4700
16x16
1170
18x20
1560
18x26
1760
6800
16x20
1430
18x20
1630
10000
18x26
1810
18x26
1900
100
160
200
250
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
10
10x12.5
95
10x12.5
100
10x12.5
110
22
13x16
170
13x16
180
13x16
205
33
10x12.5
145
13x16
215
13x16
240
16x16
270
47
13x16
255
13x16
250
16x16
290
18x16
340
100
13x16
325
16x20
425
18x20
470
18x26
520
220
18x20
620
330
18x26
750
WV
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com