Electronic Components Datasheet Search
  English  ▼

X  

BP Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # BP
Description  BP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

BP Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  BP Datasheet HTML 1Page - Sharma Electro Components,Inc BP Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP Series
Items
Characteristics
Capacitance Tolerance
±10% (K) (120Hz,20℃)
Rated Voltage Range (WV)
25~50 VDC
Operating Temperature Range
-40 ~ +85℃
WV
25
35
50
Surge Voltage (V) (20℃)
SV
32
44
63
I≦100μA
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA)
WV
25
35
50
tanδ
0.05
0.05
0.05
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±15% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C-5101
ψD
10
13
16
18
22
25
P
5.0
5.0
7.5
7.5
10.0
12.5
ψd
0.6
0.6
(0.8)
0.8
0.8
0.8
0.8
a
1.0
2.0
2.0
2.0
2.0
2.0
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
Coefficient
1.36
1.25
1.00
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:85℃,1000hrs
• Bi-polarized/Polarity
reversing
• High ripple current
■ Recommended Applications
• TV/Monitor
• Horizontal deflection
correction
Specifications
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - BP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
BP-204SP-P3 AAEON-BP-204SP-P3 Datasheet
44Kb / 1P
BP-204SP-P3
BP-204SS-P2 AAEON-BP-204SS-P2 Datasheet
107Kb / 1P
BP-204SS-P2
BP-206VG-P2 AAEON-BP-206VG-P2 Datasheet
213Kb / 1P
BP-206VG-P2
logo
Hammond Manufacturing L...
BPD2F HAMMOND-BPD2F Datasheet
267Kb / 1P
Energy Limiting (BP Series)
logo
PHOENIX CONTACT
3208733 PHOENIX-3208733 Datasheet
73Kb / 7P
Short-circuit connector - BP 4-5CT
3208734 PHOENIX-3208734 Datasheet
73Kb / 8P
Plug - BP 4-5VT
logo
Advantech Co., Ltd.
PCA-6115-0B2E ADVANTECH-PCA-6115-0B2E Datasheet
165Kb / 3P
15 ISA BP, Rev. B2
logo
PHOENIX CONTACT
1088136 PHOENIX-1088136 Datasheet
1Mb / 10P
Module carrier - AXL F BP SE6
12/24/2021
1088135 PHOENIX-1088135 Datasheet
1Mb / 15P
Module carrier - AXL F BP SE4
Dec 8, 2022
logo
Amphenol Communications...
C-444-5010-500 AMPHENOLCS-C-444-5010-500 Datasheet
219Kb / 2P
BP MODULE ASSEMBLY EHSD5 PLUS
Rev D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com