Electronic Components Datasheet Search
  English  ▼

X  

DP83901 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83901 Datasheet HTML 36Page - National Semiconductor (TI) DP83901 Datasheet HTML 37Page - National Semiconductor (TI) DP83901 Datasheet HTML 38Page - National Semiconductor (TI) DP83901 Datasheet HTML 39Page - National Semiconductor (TI) DP83901 Datasheet HTML 40Page - National Semiconductor (TI) DP83901 Datasheet HTML 41Page - National Semiconductor (TI) DP83901 Datasheet HTML 42Page - National Semiconductor (TI) DP83901 Datasheet HTML 43Page - National Semiconductor (TI) DP83901 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
130 Bus Arbitration and Timing (Continued)
FIFO AT THE BEGINNING OF RECEIVE
At the beginning of reception the SNIC stores entire Ad-
dress field of each incoming packet in the FIFO to deter-
mine whether the packet matches its Physical Address Reg-
ister or maps to one of its Multicast Registers This causes
the FIFO to accumulate 8 bytes Furthermore there are
some synchronization delays in the DMA PLA Thus the
actual time that BREQ is asserted from the time the Start of
Frame Delimiter (SFD) is detected is 78 ms This operation
affects the bus latencies at 2 byte and 4 byte thresholds
during the first receive BREQ since the FIFO must be filled
to 8 bytes (or 4 words) before issuing a BREQ
FIFO Operation at the End of Receive
When Carrier Sense goes low the SNIC enters its end of
packet processing sequence emptying its FIFO and writing
the status information at the beginning of the packet
Figure
5 The SNIC holds onto the bus for the entire sequence The
longest time BREQ may be extended occurs when a packet
ends just as the SNIC performs its last FIFO burst The
SNIC in this case performs a programmed burst transfer
followed by flushing the remaining bytes in the FIFO and
completes by writing the header information to memory The
following steps occur during this sequence
1 SNIC issues BREQ because the FIFO threshold has been
reached
2 During the burst packet ends resulting in BREQ extend-
ed
3 SNIC flushes remaining bytes from FIFO
4 SNIC performs internal processing to prepare for writing
the header
5 SNIC writes 4-byte (2-word) header
6 SNIC deasserts BREQ
End of Packet Processing
TLF10469 – 53
End of Packet Processing (EOPP) times for 10 MHz and
20 MHz have been tabulated below
End of Packet Processing Times for Various FIFO
Thresholds Bus Clocks and Transfer Modes
Mode
Threshold
Bus Clock
EOPP
Byte
2 bytes
70 ms
4 bytes
10 MHz
86 ms
8 bytes
110 ms
Byte
2 bytes
36 ms
4 bytes
20 MHz
42 ms
8 bytes
50 ms
Word
2 bytes
54 ms
4 bytes
10 MHz
62 ms
8 bytes
74 ms
Word
2 bytes
30 ms
4 bytes
20 MHz
32 ms
8 bytes
36 ms
Maximum Bus Latency for Byte Mode
TLF10469 – 54
Maximum Bus Latency for Word Mode
TLF10469 – 55
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com