Electronic Components Datasheet Search
  English  ▼

X  

EG Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # EG
Description  EG Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

EG Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  EG Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EG
■ Features
• Lifetime:60℃,2.5V,1000hrs
• High Capacitance
Specifications
Items
Characteristics
Capacitance Tolerance
-20
~
+40%
(25℃)
Rated Voltage Range (WV)
2.5 VDC
Operating Temperature Range
-25 ~ +60℃
C= Nominal Capacitance (F)
V= Rated Voltage (V)
Capacitance Change
±30%(25℃)
Low Temperature Stability
AC(1KHz)
≦ 4 times
After applying rated voltage for 1000 hours at 60℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±30% of the initial value
Load Life
AC(1KHz)
Not more than 200% of the specified value
Shelf Life
After placed at 60℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as Load life.
Dimensions (mm)
ψD
8
10
13
16
18
22
P
3.5
5.0
7.5
7.5
7.5 10.0
ψd
0.6
0.6
0.6
0.8
0.8
1.0
DIP
2.5(V.DC)
SPEC
F
ΨDxL(mm)
AC(Ω) at 1KHZ
4
10x20
0.2
10
13x25
0.1
15
16x26
0.06
25
16x32
0.05
40
18x36
0.05
50
18x40
0.04
55
22*35
0.04
70
22*40
0.03
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - EG

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1655111 PHOENIX-1655111 Datasheet
94Kb / 3P
VS-09-ST-DSUB-HD-EG
1688793 PHOENIX-1688793 Datasheet
57Kb / 3P
Contact insert - VS-09-ST-DSUB-EG
1688803 PHOENIX-1688803 Datasheet
71Kb / 3P
Contact insert - VS-09-BU-DSUB-EG
1688874 PHOENIX-1688874 Datasheet
70Kb / 3P
Contact insert - VS-15-ST-DSUB-EG
1689909 PHOENIX-1689909 Datasheet
91Kb / 3P
VS-25-BU-DSUB-EG
2940618 PHOENIX-2940618 Datasheet
104Kb / 4P
EG 45-PS-230AC/24DC/250
logo
HARTING Technology Grou...
09-15-000-0101 HARTING-09-15-000-0101 Datasheet
448Kb / 2P
R 15-EG-13,5 Screw mounted housing
09-20-003-0102 HARTING-09-20-003-0102 Datasheet
484Kb / 2P
Han 3A-eg-QB-PG-13.5
19-37-003-1150 HARTING-19-37-003-1150 Datasheet
478Kb / 2P
Han 3M-eg-QB-M20 housing
19202031150 HARTING-19202031150 Datasheet
585Kb / 2P
Han 3A HMC-eg-QB-M20
2022-10-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com