Electronic Components Datasheet Search
  English  ▼

X  

EV Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # EV
Description  EV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

EV Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  EV Datasheet HTML 1Page - Sharma Electro Components,Inc EV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EV Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~25 VDC
Operating Temperature Range
-40 ~ +105℃
WV
6.3
10
16
25
Surge Voltage (V) (20℃)
SV
8
13
20
32
I≦0.01CV or 3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
Shown in the table of standard rating
WV
Z(120Hz)
6.3
10
16
25
Z(-25℃) / Z(20℃)
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
3
3
3
3
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
L
A
H
I
W
P
K
4.0
5.4
4.3
5.5 Max
1.8
0.65±0.1
1.0±0.2
0.35
+0.15
-0.20
5.0
5.4
5.3
6.5 Max
2.2
0.65±0.1
1.5±0.2
0.35
+0.15
-0.20
6.3
5.4
6.6
7.8 Max
2.6
0.65±0.1
1.8±0.2
0.35
+0.15
-0.20
8.0
6.2
8.3
9.5 Max
3.4
0.65±0.1
2.2±0.2
0.35
+0.15
-0.20
8.0
10.2
8.3
10.0 Max
3.4
0.90±0.2
3.1±0.2
0.70±0.2
10.0
10.2 10.3
12.0 Max
3.5
0.90±0.2
4.6±0.2
0.70±0.2
Frequency coefficient
Frequency (Hz)
120
1K
10K
100K
Coefficient
0.70
0.80
0.90
1.00
Temperature coefficient
Ambient Temperature (℃)
≦50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
• Low profile vertical chip
• Ultra low impedance
■ Recommended Applications
• Monitor/Computer
• Battery charger
• DC/DC converter
• SMPS
• Noise filter
Specifications
Multiplier for Ripple Current
Dimensions (mm)
( ) : Reference size
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - EV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ESRP LITTELFUSE-S4X8ESRP Datasheet
241Kb / 9P
SxX8xSx EV Series 0.8A Sensitive SCR
logo
World Produts Inc.
EVTD34V50KASC WPI-EVTD34V50KASC Datasheet
379Kb / 4P
EV Series Varistor
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
logo
Littelfuse
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
SxX8xSx EV Series 0.8A Sensitive SCR
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S6002ES LITTELFUSE-S6002ES Datasheet
597Kb / 11P
EV Series 2 A Sensitive SCRs
Revised: 5/6/2021
EV1K LITTELFUSE-EV1K Datasheet
704Kb / 4P
Littelfuse EV Fuse EV1K SERIES
Rev: 092321
logo
Lapp.
52010340 LAPP-52010340 Datasheet
112Kb / 1P
SKINDICHT® EV
07.10.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com