Electronic Components Datasheet Search
  English  ▼

X  

FV Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # FV
Description  FV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

FV Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  FV Datasheet HTML 1Page - Sharma Electro Components,Inc FV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FV Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
4~50 VDC
Operating Temperature Range
-40 ~ +85℃
WV
4
6.3
10
16
25
35
50
Surge Voltage (V) (20℃)
SV
5
8
13
20
32
44
63
I≦0.01CV or 3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
Shown in the table of standard rating
WV
Z(120Hz)
4
6.3
10
16
25
35
50
Z(-25℃) / Z(20℃)
7
4
3
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
15
8
6
4
4
3
3
After applying rated voltage for 3000 ~ 5000 hours at 85℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within ±20% of the initial value
Case (ψ)
Life time (hrs)
Dissipation Factor
Not move than 200% of the specified
value
ψD≦6.3
3000
Load Life
Leakage Current
Not more than the specified value
ψD≧8
5000
Shelf Life
After placed at 85℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
L
A
H
I
W
P
K
4.0
5.4
4.3
5.5 Max
1.8
0.65±0.1
1.0±0.2
0.35
+0.15
-0.20
5.0
5.4
5.3
6.5 Max
2.2
0.65±0.1
1.5±0.2
0.35
+0.15
-0.20
6.3
5.4
6.6
7.8 Max
2.6
0.65±0.1
1.8±0.2
0.35
+0.15
-0.20
8.0
6.2
8.3
9.5 Max
3.4
0.65±0.1
2.2±0.2
0.35
+0.15
-0.20
8.0
10.2
8.3
10.0 Max
3.4
0.90±0.2
3.1±0.2
0.70±0.2
10.0
10.2
10.3
12.0 Max
3.5
0.90±0.2
4.6±0.2
0.70±0.2
Frequency coefficient
Frequency (Hz)
60
120
1K
10K~100K
Coefficient
0.80
1.00
1.15
1.25
Temperature coefficient
Ambient Temperature (℃)
≦50
70
85
Coefficient
1.36
1.25
1.00
Specifications
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:85℃,3000~5000hrs
• Long life for GV
• Low profile vertical chip
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
( ) : Reference size
Sharma Electrolytic Capacitor
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - FV

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714884 PHOENIX-1714884 Datasheet
116Kb / 7P
SMD female connectors - FP 1,27/ 32-FV 9,05
1061584 PHOENIX-1061584 Datasheet
586Kb / 15P
FP 0,8/ 32-FV 7,85
1061585 PHOENIX-1061585 Datasheet
637Kb / 16P
FP 0,8/ 52-FV 7,85
1061660 PHOENIX-1061660 Datasheet
588Kb / 15P
FP 0,8/ 20-FV 4,85
1061662 PHOENIX-1061662 Datasheet
601Kb / 15P
FP 0,8/ 32-FV 4,85
1061666 PHOENIX-1061666 Datasheet
617Kb / 15P
FP 0,8/ 52-FV 4,85
1061667 PHOENIX-1061667 Datasheet
645Kb / 15P
FP 0,8/ 80-FV 4,85
1701388 PHOENIX-1701388 Datasheet
105Kb / 4P
CIOC 4-1-FV-A
Feb 2, 2011
1701401 PHOENIX-1701401 Datasheet
108Kb / 4P
CIOC 4-4-FV
Feb 2, 2011
logo
NimbeLink Corp.
AP-PAN-MMF-CG-Q-BL-19 NIMBELINK-AP-PAN-MMF-CG-Q-BL-19 Datasheet
535Kb / 2P
MULTIMAX FV 2-in-1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com