Electronic Components Datasheet Search
  English  ▼

X  

GR Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # GR
Description  GR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

GR Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  GR Datasheet HTML 1Page - Sharma Electro Components,Inc GR Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) & MAX PERMISSIBLE RIPPLE CURRENT(RC(mArms) / 120Hz,85℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.1
5x11
1
5x11
1
0.22
5x11
2
5x11
2
0.33
5x11
3
5x11
3
0.47
5x11
5
5x11
5
1
5x11
10
5x11
10
2.2
5x11
20
5x11
20
3.3
5x11
30
5x11
30
4.7
5x11
45
5x11
45
5x11
50
5x11
50
10
5x11
50
5x11
55
5x11
60
5x11
70
5x11
75
22
5x11
65
5x11
75
5x11
75
5x11
85
5x11
95
5x11
100
5x11
120
33
5x11
80
5x11
85
5x11
95
5x11
105
5x11
110
5x11
130
6.3x11
145
47
5x11
95
5x11
105
5x11
110
5x11
120
5x11
135
6.3x11
170
8x11
195
100
5x11
135
5x11
155
5x11
160
6.3x11
195
6.3x11
220
8x11
270
10x12.5
325
220
5x11
240
6.3x11
255
8x11
265
8x11
330
10x15
390
10x17
500
10x20
580
330
6.3x11
300
8x11
355
8x11
375
8x14
450
10x17
500
10x20
600
13x20
780
470
6.3x11
390
8x11
425
8x11
450
10x15
640
10x20
760
13x20
880
13x25
990
1000
10x12.5
550
10x12.5
665
10x17
800
10x20
900
13x25
1170
13x30
1360
16x32
1770
2200
10x20
935
10x20
1000
13x20
1200
13x25
1450
16x32
1840
16x36
1940
18x40
2170
3300
13x20
1290
13x20
1330
13x25
1550
16x26
1850
16x36
2130
18x40
2460
4700
13x20
1420
13x25
1850
13x30
1880
16x36
2360
18x36
2530
6800
16x26
1980
16x26
2030
16x32
2360
16x40
2540
10000
16x36
2170
18x36
2390
15000
18x36
2430
18x36
2630
22000
18x40
2650
18x45
2900
100
160
200
250
350
400
450
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
5x11
5
5x11
5
5x11
5
5x11
5
6.3x11
5
6.3x11
5
1
5x11
10
5x11
15
5x11
15
6.3x11
15
6.3x11
15
6.3x11
15
8x11
15
2.2
5x11
20
6.3x11
30
6.3x11
30
6.3x11
30
8x11
30
8x11
30
10x12.5
30
3.3
5x11
30
6.3x11
45
6.3x11
45
8x11
45
8x14
45
10x15
45
10x15
45
4.7
5x11
50
6.3x11
55
8x11
70
8x11
70
10x12.5
70
10x15
70
10x17
70
10
6.3x11
85
10x15
120
10x17
135
10x17
145
10x17
155
10x20
170
13x20
180
22
8x11
135
10x17
190
10x17
205
10x20
230
13x20
265
13x25
305
16x26
365
33
10x15
195
10x20
240
13x20
300
13x25
360
13x25
365
16x26
430
16x36
530
47
10x15
265
13x20
325
13x25
385
13x25
420
16x26
460
16x26
470
100
10x20
385
16x26
600
16x26
610
16x32
650
18x36
700
18x36
850
220
13x30
750
16x32
810
18x36
960
18x36
1020
330
16x26
870
18x36
1090
18x40
1360
470
16x36
1190
18x45
1510
1000
18x45
2140
WV
Case Size &Max Ripple Current
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com