Electronic Components Datasheet Search
  English  ▼

X  

LW Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LW
Description  LW Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LW Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LW Datasheet HTML 1Page - Sharma Electro Components,Inc LW Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LW Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~16VDC
Operating Temperature Range
-40 ~ +105℃
WV
6.3
10
16
Surge Voltage (V) (20℃)
SV
8
13
20
I≦0.01CV
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
tanδ
0.22
0.19
0.16
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tan δ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
Z(-25℃) / Z(20℃)
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
3
3
3
After applying rated voltage for 2000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±25% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not More than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
8
10
P
3.5
5.0
ψd
0.6
0.6
a
1.0
1.0
Frequency coefficient
Frequency (Hz)
50
120
1K
10K
100K
Coefficient
0.45
0.55
0.75
0.85
1.00
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,2000hrs
• Ultra-low ESR
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Converter/Inverter
• Adapter
• SMPS
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7215 SANYO-LC7215 Datasheet
73Kb / 7P
MW/LW PLL Frequency Synthesizers
logo
New Jersey Semi-Conduct...
2N495 NJSEMI-2N495 Datasheet
87Kb / 1P
SILICON PNP - LW POWER TRANSISTOR
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
EWK105BJ224MP-F TAIYO-YUDEN-EWK105BJ224MP-F Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ224MV-T TAIYO-YUDEN-EWK107BJ224MV-T Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
EWK107B7224MV-T TAIYO-YUDEN-EWK107B7224MV-T Datasheet
434Kb / 3P
LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
LW Reversal Decoupling Capacitors (LWDC??
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com