Electronic Components Datasheet Search
  English  ▼

X  

PN Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # PN
Description  PN series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

PN Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  PN Datasheet HTML 1Page - Sharma Electro Components,Inc PN Datasheet HTML 2Page - Sharma Electro Components,Inc PN Datasheet HTML 3Page - Sharma Electro Components,Inc PN Datasheet HTML 4Page - Sharma Electro Components,Inc PN Datasheet HTML 5Page - Sharma Electro Components,Inc PN Datasheet HTML 6Page - Sharma Electro Components,Inc PN Datasheet HTML 7Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Code 11~12
Lead Process
Explanation for code 11° (also see Diagram below)
S : Standard
T : Ammo tape
R : Reel tape
C : Straight cut
K : Kink(Crimp)cut
F : Forming cut
Description
0
Standard SMD type
S
1
Standard Dip & Snap-in type
1
Standard ammo tape (pitch 5mm for dia .~ 13mm)
2
Ammo tape with straight lead (available for dia. 4~8mm)
T
4
Ammo forming tape with pitch 2.5mm (available for dia.4~5mm)
1
Standard reel tape (pitch 5mm for dia.~ 10mm)
2
Reel tape with straight lead (available for dia. 4~8mm)
R
3
Reel forming tape with pitch 2.5mm (available for dia.4~5mm )
Code 11&12
Description
3
Straight cut lead with L : 3.2+/-0.2mm
5
Straight cut lead with L : 4.0+/-0.2mm
C
7
Straight cut lead with L : 5.0+/-0.2mm
K
2
Kink cut lead with L : 4.5+/-0.5mm
F
6
Forming cut lead with L : 4.0+/-0.3 (Pitch : 5mm)
Code 13
Special specification
A : Standard
D : Impedance
B : DF (tanδ)
E : Ripple current
C : ESR
F : Leakage current
Code 14
Sleeve code
Code
Series
Color
1
GR,SR
Royal blue with white printing
3
LL,LX,SL,SH
Orange with black printing
5
SM,BM,LM,HM,FM,AM,SS,SX
SF,FX,RN,RX,SN,SP,BP,BX,TW,HW
Black with white printing
6
LB,LH,LY,LZ
Black with golden printing
H
LW
Royal blue with golden printing
N
DV,FV,GV,SV,RV,ZV
(SMD standard pack)
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com