Electronic Components Datasheet Search
  English  ▼

X  

DP8212M Datasheet(PDF) 4 Page - Texas Instruments

Part # DP8212M
Description  DP8212/DP8212M 8-Bit Input/Output Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8212M Datasheet(HTML) 4 Page - Texas Instruments

  DP8212M Datasheet HTML 1Page - Texas Instruments DP8212M Datasheet HTML 2Page - Texas Instruments DP8212M Datasheet HTML 3Page - Texas Instruments DP8212M Datasheet HTML 4Page - Texas Instruments DP8212M Datasheet HTML 5Page - Texas Instruments DP8212M Datasheet HTML 6Page - Texas Instruments DP8212M Datasheet HTML 7Page - Texas Instruments DP8212M Datasheet HTML 8Page - Texas Instruments DP8212M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Switching Characteristics Min s TA s Max Min s VCC s Max
Symbol
Parameter
Conditions
DP8212M
DP8212
Units
Min
Max
Min
Max
tPW
Pulse Width
40
30
ns
tPD
Data to Output Delay
(Note 1)
30
30
ns
tWE
Write Enable to Output Delay
(Note 1)
50
40
ns
tSET
Data Set-Up Time
20
15
ns
tH
Data Hold Time
30
20
ns
tR
Reset to Output Delay
(Note 1)
55
40
ns
tS
Set to Output Delay
(Note 1)
35
30
ns
tE
Output EnableDisable Time
(Note 2)
50
45
ns
tC
Clear to Output Delay
(Note 1)
65
55
ns
Note 1
CL e 30 pF
Note 2
CL e 30 pF except for DP8212M
tE (DISABLE) CL e 5pF
Switching Conditions
1 Input Pulse Amplitude e 25V
2 Input Rise and Fall Times e 5 ns
3 Between 1V and 2V Measurements made at 15V with 15 mA
30 pF Test Load
4 CL includes jig and probe capacitance
5 CL e 30 pF
6 CL e 30 pF except for DP8212M tE (DISABLE) CL e 5pF
Test Load
TLF6824 – 2
Alternate Test Load
(Refer to Timing Diagram)
TLF6824 – 3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com