Electronic Components Datasheet Search
  English  ▼

X  

RN Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # RN
Description  RN Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RN Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  RN Datasheet HTML 1Page - Sharma Electro Components,Inc RN Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ Features
• Lifetime:85℃,1000hrs
• Non-polarized/Polarity
reversing
■ Recommended Applications
• Small crossover network
• Reversed polarity circuit
• Coupling
RN Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~250 VDC
Operating Temperature Range
-40 ~ +85℃
WV
6.3
10
16
25
35
50
63
80
100
160
200
250
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
79
100
125
200
250
300
I≦0.03CV+4μA
(After voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
25
35
50
63
80
100
160
200
250
tanδ
0.24
0.20
0.17
0.15
0.15
0.15
0.10
0.10
0.10
0.20
0.20
0.20
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tan δ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
25
35
50
63
80
100
160
200
250
Z(-25℃) / Z(20℃)
4
3
2
2
2
2
2
2
2
6
6
6
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
8
6
4
4
3
3
3
3
3
12
12
12
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirement.
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.5
0.5
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
6.3~16
0.80
1.00
1.10
1.20
25~35
0.80
1.00
1.50
1.70
50~100
0.80
1.00
1.60
1.90
160~250
0.80
1.00
1.50
1.60
Temperature coefficient
Ambient Temperature (℃)
≦50
70
85
Coefficient
1.36
1.25
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - RN

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238S0259L002 EPCOS-B57238S0259L002 Datasheet
64Kb / 3P
Insulation Voltage 1000 VDC for 1 s, RN/RN = 15 %
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
RN series, RA series, ultra-precision chip network resistors
logo
American Accurate Compo...
RN14R2B100KBM AAC-RN14R2B100KBM Datasheet
82Kb / 1P
RN 14 Series Insulation Coated Metal Film Resistors
logo
Richco, Inc.
RN-250-2 RICHCO-RN-250-2 Datasheet
46Kb / 1P
NARROW CARD GUIDE (RN)
logo
SHIELD s.r.l.
MR-PK SHIELD-MR-PK Datasheet
89Kb / 1P
Rubber, rubber insulation, RN-F series, HAR approved
logo
List of Unclassifed Man...
RN-41-DS ETC2-RN-41-DS Datasheet
671Kb / 12P
RN-41/RN-41-N Class 1 Bluetooth Module
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
RN-42/RN-42-N Class 2 Bluetooth Module
RN-4142-EK-UG ETC2-RN-4142-EK-UG Datasheet
1Mb / 18P
RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
RN131C ETC2-RN131C Datasheet
863Kb / 18P
RN-131G & RN-131C 802.11 b/g Wireless LAN Module
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
RN-131G RN-131C 802.11 b/g Wireless LAN Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com