Electronic Components Datasheet Search
  English  ▼

X  

RV Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # RV
Description  RV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RV Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  RV Datasheet HTML 1Page - Sharma Electro Components,Inc RV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RV Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~50 VDC
Operating Temperature Range
-40 ~ +85℃
WV
6.3
10
16
25
35
50
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
I≦0.01CV or 3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
Shown in the table of standard rating
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z(120Hz)
6.3
10
16
25
35
50
Z(-25℃) / Z(20℃)
4
3
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
8
6
4
4
3
3
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirements .
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life .
Applicable standards
Refer to JIS C 5101
ψD
φD
L
A
H
I
W
P
K
4.0
5.4
4.3
5.5 Max
1.8
0.65±0.1
1.0±0.2
0.35
+0.15
-0.20
5.0
5.4
5.3
6.5 Max
2.2
0.65±0.1
1.5±0.2
0.35
+0.15
-0.20
6.3
5.4
6.6
7.8 Max
2.6
0.65±0.1
1.8±0.2
0.35
+0.15
-0.20
Frequency coefficient
Frequency (Hz)
60
120
1K
10K
Coefficient
0.85
1.00
1.10
1.20
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
Coefficient
1.36
1.25
1.00
■ Features
• Lifetime:85℃,1000hrs
• Non-polarized
• Low profile vertical chip
• 5.5mm height (≦ψ6.3)
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Co mputer
• OA/HA/Communication
• Reversed polarity circuit
Specifications
Multiplier for Ripple Current
Dimensions (mm)
( ) : Reference size
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - RV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5707NS PANASONIC-AN5707NS Datasheet
392Kb / 6P
RV ELECTRONIC TUNER-CONTROL IC
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
120V RV SURGE SUPPRESSOR
logo
ams AG
NSD-2101 AMSCO-NSD-2101 Datasheet
646Kb / 22P
Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE짰 RV and UTAF??Motors
NSD-2101 AMSCO-NSD-2101_07 Datasheet
1Mb / 23P
Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE RV and UTAF Motors
logo
Altera Corporation
RV-6V221MG68-R ALTERA-RV-6V221MG68-R Datasheet
66Kb / 3P
RV Vertical Chip Electrolytic Capacitors
logo
PHOENIX CONTACT
3190195 PHOENIX-3190195 Datasheet
52Kb / 2P
Connector housing - STG 8-RV/L
3191042 PHOENIX-3191042 Datasheet
39Kb / 1P
RV 8-TP(2,4X0,8)L-WW(1X1)
3191217 PHOENIX-3191217 Datasheet
40Kb / 1P
RV 8-TP(2,4X0,8)Q
3191330 PHOENIX-3191330 Datasheet
92Kb / 2P
KZMP-RV 8:1-8
logo
List of Unclassifed Man...
GE1LU032SS ETC-GE1LU032SS Datasheet
407Kb / 4P
GE RV park power equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com