Electronic Components Datasheet Search
  English  ▼

X  

SF Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SF
Description  SF Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SF Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SF Datasheet HTML 1Page - Sharma Electro Components,Inc SF Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
4~50 VDC
Operating Temperature Range
-40 ~ +85℃
WV
4
6.3
10
16
25
35
50
Surge Voltage (V) (20℃)
SV
5
8
13
20
32
44
63
I≦0.01CV or 3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
4
6.3
10
16
25
35
50
tanδ
0.35
0.24
0.20
0.16
0.14
0.12
0.10
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
4
6.3
10
16
25
35
50
Z(-25℃) / Z(20℃)
6
4
3
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
12
8
6
4
4
4
4
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
4
5
6.3
P
1.5
2.0
2.5
ψd
0.45
0.45
0.45
a
1.0
1.0
1.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
4~16
0.80
1.00
1.10
1.20
25~50
0.80
1.00
1.50
1.70
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
Coefficient
1.36
1.25
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:85℃,1000hrs
• Low profile/Ultra -miniature
• 5mm height
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Small signal
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - SF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S200-2 BOURNS-SF-0603S200-2 Datasheet
368Kb / 4P
SinglFuse??SF-0603S Series Features
logo
PHOENIX CONTACT
3087 PHOENIX-3087 Datasheet
1Mb / 9P
FL SWITCH SF
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1607464 PHOENIX-1607464 Datasheet
38Kb / 1P
SF-Z0034
1607472 PHOENIX-1607472 Datasheet
44Kb / 2P
Adapter - SF-Z0041
1183807 PHOENIX-1183807 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1183808 PHOENIX-1183808 Datasheet
198Kb / 3P
Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF
1183810 PHOENIX-1183810 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF
1183811 PHOENIX-1183811 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
logo
Bourns Electronic Solut...
SF-1206SA-M BOURNS-SF-1206SA-M Datasheet
573Kb / 5P
SF-1206SA-M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com