Electronic Components Datasheet Search
  English  ▼

X  

DS25MB200 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS25MB200
Description  DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25MB200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS25MB200 Datasheet HTML 5Page - Texas Instruments DS25MB200 Datasheet HTML 6Page - Texas Instruments DS25MB200 Datasheet HTML 7Page - Texas Instruments DS25MB200 Datasheet HTML 8Page - Texas Instruments DS25MB200 Datasheet HTML 9Page - Texas Instruments DS25MB200 Datasheet HTML 10Page - Texas Instruments DS25MB200 Datasheet HTML 11Page - Texas Instruments DS25MB200 Datasheet HTML 12Page - Texas Instruments DS25MB200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
50+-1%
50 +-1%
Pattern
Generator
D+
D-
Oscilloscope or
Jitter Measurement
Instrument
50: TL
VCC
GND
Coax
Coax
50: TL
< 2"
DC
Block
1000 mVpp
Differential
OUT+
OUT-
IN+
IN-
R
D
M
U
X
DS25MB200
EQ
INPUT
TLine
Coax
Coax
DC
Block
DS25MB200
Test Fixture
25-inch
VODPE3
1-bit
1 to N bits
1-bit
1 to N bits
-9 dB
0V
20%
tPE
80%
50% VID
50% VOD
tPLH
tPHL
IN
OUT
80%
20%
0V
80%
20%
tR
tF
VODB
DS25MB200
www.ti.com
SNLS220G – MARCH 2006 – REVISED APRIL 2013
Timing Diagrams
Figure 3. Driver Output Transition Time
Figure 4. Propagation Delay from Input to Output
Figure 5. Test Condition for Output Pre-Emphasis Duration
Figure 6. AC Test Circuit
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS25MB200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com