Electronic Components Datasheet Search
  English  ▼

X  

SX Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SX
Description  SX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SX Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SX Datasheet HTML 1Page - Sharma Electro Components,Inc SX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105℃)
4
6.3
10
16
25
35
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
2.2
4x7
10
3.3
4x7
10
4.7
4x7
15
4x7
20
4x7
25
10
4x7
25
4x7
30
4x7
35
22
4x7
30
4x7
35
5x7
50
6.3x7
60
33
4x7
30
4x7
35
4x7
40
5x7
50
6.3x7
65
6.3x7
70
47
4x7
35
5x7
50
5x7
60
6.3x7
70
6.3x7
70
8x7
80
100
5x7
55
5x7
70
6.3x7
90
8x7
110
8x7
115
8x9
145
220
6.3x7
95
6.3x7
110
8x7
135
8x9
180
330
8x7
150
8x9
160
8x9
210
470
8x9
200
8x9
210
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
0.1
4x7
1
4x7
1
0.22
4x7
2
4x7
2
0.33
4x7
3
4x7
3
0.47
4x7
5
4x7
5
1
4x7
10
4x7
10
2.2
4x7
20
4x7
20
3.3
4x7
25
4x7
25
4.7
4x7
30
5x7
35
10
5x7
40
6.3x7
50
22
6.3x7
65
33
8x7
80
47
8x9
100
Case Size / Max Ripple Current
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com