Electronic Components Datasheet Search
  English  ▼

X  

ADC101S101 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S101
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC101S101 Datasheet HTML 11Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 12Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 13Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 14Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 15Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 16Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 17Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 18Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Typical Performance Characteristics T
A = +25˚C, VDD = 3V, fSAMPLE = 1 MSPS, fSCLK = 20 MHz, fIN
= 100 kHz unless otherwise stated. (Continued)
ADC101S101 DNL
ADC101S101 INL
20110270
20110271
ADC101S101 Spectral Response @ 100 kHz Input
ADC101S101 SNR vs. f
SCLK
20110272
20110273
ADC101S101 SINAD vs. f
SCLK
20110274
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com