Electronic Components Datasheet Search
  English  ▼

X  

ADD8709 Datasheet(PDF) 3 Page - Analog Devices

Part # ADD8709
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8709 Datasheet(HTML) 3 Page - Analog Devices

  ADD8709 Datasheet HTML 1Page - Analog Devices ADD8709 Datasheet HTML 2Page - Analog Devices ADD8709 Datasheet HTML 3Page - Analog Devices ADD8709 Datasheet HTML 4Page - Analog Devices ADD8709 Datasheet HTML 5Page - Analog Devices ADD8709 Datasheet HTML 6Page - Analog Devices ADD8709 Datasheet HTML 7Page - Analog Devices ADD8709 Datasheet HTML 8Page - Analog Devices ADD8709 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADD8709
Rev. 0 | Page 3 of 16
ELECTRICAL CHARACTERISTICS
7.5 V ≤ VDD ≤ 16 V, TA @ 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ALL DEVICES
POWER SUPPLY
Supply Voltage
VS
7.5
16
V
Supply Current
ISYS
No load
10.5
15
mA
–20°C ≤ TA ≤ +105°C
17
mA
VOLTAGE REGULATOR
Dropout Voltage
∆VDO
IL = 100 µA
100
150
mV
IL = 5 mA
310
350
mV
Line Regulation
REGLINE
VIN = 8.5 V to 16.5 V, VOUT = 8 V
0.01
0.20
%/V
Load Regulation
REGLOAD
IO = 100 µA to 10 mA
0.02
0.10
%/mA
Load Current
IO
5
mA
Thermal Regulation
REGTHERMAL
0.005
%/W
GAMMA BUFFERS
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VDD = 7 V to 17 V, –20°C ≤ TA ≤ +105°C
68
90
dB
INPUT CHARACTERISTICS
Offset Voltage
VOS
5
15
mV
Offset Voltage Drift
∆VOS/∆T
–20°C ≤ TA ≤ +105°C
20
µV/°C
Input Bias Current
IB
0.5
1.1
µA
–20°C ≤ TA ≤ +105°C
1.5
µA
Input Voltage Range
0
VDD
V
Input Impedance
ZIN
400
kΩ
Input Capacitance
CIN
1
pF
OUTPUT CHARACTERISTICS
Output Performance (V1, V8, V9, V18)
∆VOUT1
IL = 20 mA, VDD = 16 V
15
mV
Output Performance (V2 to V7, V10 to V17)
∆VOUT1
IL = 5 mA, VDD = 16 V
5
mV
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 200 pF
4
6
V/µs
Bandwidth
BW
–3 dB, RL = 10 kΩ, CL = 200 pF
4.5
MHz
Settling Time to 0.1%
tS
1 V, RL = 10 kΩ, CL = 200 pF
1.1
µs
Phase Margin
φo
RL = 10 kΩ, CL = 200 pF
55
Degrees
1 ∆VOUT is the shift from the desired output voltage under the specified current load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com