Electronic Components Datasheet Search
  English  ▼

X  

DMP2200UFCL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2200UFCL
Description  Dual P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2200UFCL Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2200UFCL Datasheet HTML 1Page - Diodes Incorporated DMP2200UFCL Datasheet HTML 2Page - Diodes Incorporated DMP2200UFCL Datasheet HTML 3Page - Diodes Incorporated DMP2200UFCL Datasheet HTML 4Page - Diodes Incorporated DMP2200UFCL Datasheet HTML 5Page - Diodes Incorporated DMP2200UFCL Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP2200UFCL
Document number: DS36619 Rev. 2 - 2
2 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMP2200UFCL
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6)
@TA = +25°C
@TA = +85°C
ID
-1.7
-1.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
0.66
W
(Note 6)
1.58
W
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
193
°C/W
(Note 6)
80
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
µA
VDS = -20V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.4
⎯
-1.2
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
⎯
153
220
260
360
200
290
390
650
m
Ω
VGS = -4.5V, ID = -2.0A
VGS = -2.5V, ID = -1.2A
VGS = -1.8V, ID = -0.24A
VGS = -1.5V, ID = -0.18A
Diode Forward Voltage (Note 7)
VSD
⎯
⎯
-1.2
V
VGS = 0V, IS = -0.6A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
184
—
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
25.8
—
pF
Reverse Transfer Capacitance
Crss
—
18.6
—
pF
Total Gate Charge
Qg
—
2.2
—
nC
VGS = -4.5V, VDS = -10V,
ID = -1.7A
Gate-Source Charge
Qgs
—
0.4
—
nC
Gate-Drain Charge
Qgd
—
0.5
—
nC
SWITCHING CHARACTERISTICS (Note 8)
Turn-On Delay Time
tD(ON)
—
9.8
—
ns
VDD = -10V, ID = -1.5A,
VGS = -4.5V, RGEN = 1Ω
Turn-Off Delay Time
tD(OFF)
—
23
—
ns
Turn-On Rise Time
tr
—
87
—
ns
Turn-Off Fall Time
tf
—
41
—
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com