Electronic Components Datasheet Search
  English  ▼

X  

DS64MB201 Datasheet(PDF) 21 Page - Texas Instruments

Part # DS64MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS64MB201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS64MB201_13 Datasheet HTML 17Page - Texas Instruments DS64MB201_13 Datasheet HTML 18Page - Texas Instruments DS64MB201_13 Datasheet HTML 19Page - Texas Instruments DS64MB201_13 Datasheet HTML 20Page - Texas Instruments DS64MB201_13 Datasheet HTML 21Page - Texas Instruments DS64MB201_13 Datasheet HTML 22Page - Texas Instruments DS64MB201_13 Datasheet HTML 23Page - Texas Instruments DS64MB201_13 Datasheet HTML 24Page - Texas Instruments DS64MB201_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DS64MB201
www.ti.com
SNLS307E – JANUARY 2011 – REVISED JULY 2013
Table 8. SMBus Register Map (continued)
0x40
SOB1
7:6
Reserved
R/W
0x00
Set bits to 0.
IDLE RATE Select
5
IDLE auto
0: Allow IDLE_sel control in Bit 4
1: Automatic IDLE detect
4
IDLE select
0: Output is ON (SD is disabled)
1: Output is muted (electrical idle)
3:2
Reserved
Set bits to 0.
1
RATE auto
0: Allow RATE_sel control in Bit 0
1: Automatic RATE detect
0
RATE select
0: 2.5 to 3.2 Gbps
1: 5.0 to 6.4 Gbps
0x42
SOB1
7
Reserved
R/W
0x03
Set bit to 0.
VOD Control
6:0
SOB1 VOD
SOB1 VOD Control
03'h = 600 mV (Default)
07'h = 800 mV
0F'h = 1000 mV
1F'h = 1200 mV
3F'h = Reserved
0x43
SOB1
7:0
SOB1 DEM
R/W
0x03
SOB1 DEM Control
DE Control
[7]: DEM TYPE (Compatibility = 0 / Enhanced = 1)
[6:0]: DEM Level Control
Register [TYPE] [Level Control] = Hex Value
00000001 = 01'h = 0.0 dB
00111000 = E8'h =
−3.5 dB
10001000 = 88'h =
−6.0 dB
10010000 = 90'h =
−9.0 dB
10100000 = A0'h =
−12.0 dB
0x47
Global VOD Adjust
7:2
Reserved
R/W
0x02
Set bits to 0.
1:0
VOD Adjust
00 = -25.0%
01 = -12.5%
10 = +0.0% (Default)
11 = +12.5%
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DS64MB201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com