Electronic Components Datasheet Search
  English  ▼

X  

ADF4153BCP Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4153BCP
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153BCP Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4153BCP Datasheet HTML 16Page - Analog Devices ADF4153BCP Datasheet HTML 17Page - Analog Devices ADF4153BCP Datasheet HTML 18Page - Analog Devices ADF4153BCP Datasheet HTML 19Page - Analog Devices ADF4153BCP Datasheet HTML 20Page - Analog Devices ADF4153BCP Datasheet HTML 21Page - Analog Devices ADF4153BCP Datasheet HTML 22Page - Analog Devices ADF4153BCP Datasheet HTML 23Page - Analog Devices ADF4153BCP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADF4153
Rev. A | Page 22 of 24
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20 MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 23. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
1
20
5
6
11
16
15
BOTTOM
VIEW
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.0
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
Figure 24. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body
(CP-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Description
Temperature Range
Package Option
ADF4153BRU
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4153BRU-REEL
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4153BRU-REEL7
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4153BCP
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
ADF4153BCP-REEL
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
ADF4153BCP-REEL7
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
EVAL-ADF4153EB1
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com