Electronic Components Datasheet Search
  English  ▼

X  

ADM6316 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6316
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6316 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6316 Datasheet HTML 3Page - Analog Devices ADM6316 Datasheet HTML 4Page - Analog Devices ADM6316 Datasheet HTML 5Page - Analog Devices ADM6316 Datasheet HTML 6Page - Analog Devices ADM6316 Datasheet HTML 7Page - Analog Devices ADM6316 Datasheet HTML 8Page - Analog Devices ADM6316 Datasheet HTML 9Page - Analog Devices ADM6316 Datasheet HTML 10Page - Analog Devices ADM6316 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev.PrC | Page 9 of 11
Table 5. Reset Threshold Options
Table 6. Reset Timeout Options
Suffix
Min
Typ
Max
Unit
A
1
1.6
2
ms
B
20
30
40
ms
C
140
200
280
ms
D
1.12
1.60
2.24
s
Table 7. Watchdog Timer Operations
Suffix
Min
Typ
Max
Unit
W
4.3
6.3
9.3
ms
X
71
102
153
ms
Y
1.12
1.6
2.24
s
Z
17.9
25.6
38.4
s
Table 8. Standard Models
TA = +25°C
TA = −40°C to +85°C
Part No.
Min
Typ
Max
Min
Max
ADM63 _ _ _ 50
4.925
5.000
5.075
4.875
5.125
ADM63 _ _ _ 49
4.827
4.900
4.974
4.778
5.023
ADM63 _ _ _ 48
4.728
4.800
4.872
4.680
4.920
ADM63 _ _ _ 47
4.630
4.700
4.771
4.583
4.818
ADM63 _ _ _ 46
4.561
4.630
4.699
4.514
4.746
ADM63 _ _ _ 45
4.433
4.500
4.568
4.388
4.613
ADM63 _ _ _ 44
4.314
4.390
4.446
4.270
4.490
ADM63 _ _ _ 43
4.236
4.300
4.365
4.193
4.408
ADM63 _ _ _ 42
4.137
4.200
4.263
4.095
4.305
ADM63 _ _ _ 41
4.039
4.100
4.162
3.998
4.203
ADM63 _ _ _ 40
3.940
4.00
4.060
3.900
4.100
ADM63 _ _ _ 39
3.842
3.900
3.959
3.803
3.998
ADM63 _ _ _ 38
3.743
3.800
3.857
3.705
3.895
ADM63 _ _ _ 37
3.645
3.700
3.756
3.608
3.793
ADM63 _ _ _ 36
3.546
3.600
3.654
3.510
3.690
ADM63 _ _ _ 35
3.448
3.500
3.553
3.413
3.588
ADM63 _ _ _ 34
3.349
3.400
3.451
3.315
3.485
ADM63 _ _ _ 33
3.251
3.300
3.350
3.218
3.383
ADM63 _ _ _ 32
3.152
3.200
3.248
3.120
3.280
ADM63 _ _ _ 31
3.034
3.080
3.126
3.003
3.157
ADM63 _ _ _ 30
2.955
3.000
3.045
2.925
3.075
ADM63 _ _ _ 29
2.886
2.930
2.974
2.857
3.000
ADM63 _ _ _ 28
2.758
2.800
2.842
2.730
2.870
ADM63 _ _ _ 27
2.660
2.700
2.741
2.633
2.768
ADM63 _ _ _ 26
2.591
2.630
2.669
2.564
2.696
ADM63 _ _ _ 25
2.463
2.500
2.538
2.438
2.563
Model
Reset Threshold (V)
Minimum Reset Timeout (ms)
Typical Watchdog Timeout (s)
ADM6316CY29ARJ
2.93
140
1.6
ADM6316CY46ARJ
4.63
140
1.6
ADM6318CY46ARJ
4.63
140
1.6
ADM6319C46ARJ
4.63
140
1.6
ADM6320CY29ARJ
2.93
140
1.6
ADM6320CY46ARJ
4.63
140
1.6
ADM6321CY46ARJ
4.63
140
1.6
ADM6322C46ARJ
4.63
140
1.6
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com