Electronic Components Datasheet Search
  English  ▼

X  

MUR1650CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MUR1650CT
Description  Ultrafast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MUR1650CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MUR1650CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MUR1650CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.cn
1
Ultrafast Recovery Rectifier
MUR1650CT
FEATURES
·Ultrafast Recovery Time
·Low Forward Voltage
·Low Leakage Current
·175℃ Operating Junction Temperature
·High Temperature Glass Passivated Junction
MECHANICAL CHARACTERISTICS
·Case: Epoxy, Molded
·Finish: All External Surfaces Corrosion Resistant and
Terminal Leads are Readily Solderable
·Lead Temperature for Soldering Purposes: 260℃ Max.
for 10 Seconds
APPLICATIONS
·Designed for use in switching power supplies, inverters and as
free wheeling diodes.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
500
V
IF(AV)
Average Rectified Forward Current
Per Leg
(Rated VR)
Total Device
8
16
A
IFM
Peak Repetitive Forward Current
(Rated VR,
Square Wave,20kHz)
Per Diode Leg
16
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
100
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - MUR1650CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR1650CT NJSEMI-MUR1650CT Datasheet
73Kb / 2P
Ultrafast Recovery Rectifier
logo
Jinan Jing Heng Electro...
MUR1650CT JINGHENG-MUR1650CT Datasheet
59Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1650CT JINGHENG-MUR1650CT Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DIYI Electronic Technol...
MUR1650CT DYELEC-MUR1650CT Datasheet
829Kb / 3P
Ultra fast recovery time,high voltage
More results

Similar Description - MUR1650CT

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com