Electronic Components Datasheet Search
  English  ▼

X  

ADM8840 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM8840
Description  Charge Pump Regulator & COM Driver for Color TFT Panel
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8840 Datasheet(HTML) 2 Page - Analog Devices

  ADM8840 Datasheet HTML 1Page - Analog Devices ADM8840 Datasheet HTML 2Page - Analog Devices ADM8840 Datasheet HTML 3Page - Analog Devices ADM8840 Datasheet HTML 4Page - Analog Devices ADM8840 Datasheet HTML 5Page - Analog Devices ADM8840 Datasheet HTML 6Page - Analog Devices ADM8840 Datasheet HTML 7Page - Analog Devices ADM8840 Datasheet HTML 8Page - Analog Devices ADM8840 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ADM8840
–2–
REV. PrG
2/03
PRELIMINARY TECHNICAL DATA
ADM8840 FUNCTIONAL BLOCK DIAGRAM
SERIAL
IN TERFACE
VREF
DAC 1
DAC 2
8
8
CLK
DATA
CS / LDAC
LEVEL
TRANSLATOR
POWER
BUFFER
+
-
-
+
COM_IN
4.7 F
4.7 F
CPANEL
5.5k
4.7 F
OSCILLATOR
CONTROL
LOGIC
TIMING
GENERATOR
SHUTDOWN
CONTROL
DISCHARGE
VOLTAGE
DOUBLER
C1+
C1-
SHDN
VCC
LDO
VOLTAGE
RE GULATOR
5VOUT
2.2 F
C7
DOUBLE
TRIPLE
VOLTAGE
TRIPLER
VOLTAGE
INVERTER
C2+
C2-
C3+
C3-
VOUT
VOLTAGE
ADDER
C5+
C5-
+15V
C4+
C4-
-15V
ADM8840
0.22 F
3.3 F
3.3 F
3.3 F
0.22 F
0.22 F
0.22 F
0.22 F
DAC1_SD
DAC1_IN
INT/EXT
DAC 1
INT/EXT
DAC 2
DAC2_SD
DAC2_IN
C4
C2
C3
C9
C8
ADD_OUT
TRANS_OUT
COM_OUT_AC
COM_OUT
GND
C5
C10
C11
C12
C13
4.7 F
C6
C1
22nF
5VIN
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com