Electronic Components Datasheet Search
  English  ▼

X  

GD65232DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # GD65232DBR
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD65232DBR Datasheet(HTML) 1 Page - Texas Instruments

  GD65232DBR Datasheet HTML 1Page - Texas Instruments GD65232DBR Datasheet HTML 2Page - Texas Instruments GD65232DBR Datasheet HTML 3Page - Texas Instruments GD65232DBR Datasheet HTML 4Page - Texas Instruments GD65232DBR Datasheet HTML 5Page - Texas Instruments GD65232DBR Datasheet HTML 6Page - Texas Instruments GD65232DBR Datasheet HTML 7Page - Texas Instruments GD65232DBR Datasheet HTML 8Page - Texas Instruments GD65232DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single Chip With Easy Interface Between
UART and Serial-Port Connector of IBM
PC/AT and Compatibles
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Designed to Support Data Rates up to
120 kbit/s
D Pinout Compatible With SN75C185 and
SN75185
description/ordering information
The GD65232 and GD75232 combine three
drivers
and
five
receivers
from
the
Texas Instruments trade-standard SN75188 and
SN75189 bipolar quadruple drivers and receivers, respectively. The pinout matches the flow-through design
of the SN75C185 to decrease the part count, reduce the board space required, and allow easy interconnection
of the UART and serial-port connector of an IBM
 PC/AT and compatibles. The bipolar circuits and processing
of the GD65232 and GD75232 provide a rugged, low-cost solution for this function at the expense of quiescent
power and external passive components relative to the SN75C185.
The GD65232 and GD75232 comply with the requirements of the TIA/EIA-232-F and ITU (formerly CCITT) V.28
standards. These standards are for data interchange between a host computer and a peripheral at signaling
rates up to 20 kbit/s. The switching speeds of these devices are fast enough to support rates up to 120 kbit/s
with lower capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be expected
unless the designer has design control of the cable and the interface circuits at both ends. For interoperability
at signaling rates up to 120 kbit/s, use of TIA/EIA-423-B (ITU V.10) and TIA/EIA-422-B (ITU V.11) standards
is recommended.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 20
GD65232N
GD65232N
SOIC (DW)
Tube of 25
GD65232DW
GD65232
−40
°C to 85°C
SOIC (DW)
Reel of 2000
GD65232DWR
GD65232
−40
°C to 85°C
SSOP (DB)
Reel of 2000
GD65232DBR
GD65232
TSSOP (PW)
Tube of 70
GD65232PW
GD65232
TSSOP (PW)
Reel of 2000
GD65232PWR
GD65232
PDIP (N)
Tube of 20
GD75232N
GD75232N
SOIC (DW)
Tube of 25
GD75232DW
GD75232
0
°C to 70°C
SOIC (DW)
Reel of 2000
GD75232DWR
GD75232
0
°C to 70°C
SSOP (DB)
Reel of 2000
GD75232DBR
GD75232
TSSOP (PW)
Tube of 70
GD75232PW
GD75232
TSSOP (PW)
Reel of 2000
GD75232PWR
GD75232
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
VSS
VCC
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5
GND
GD65232, GD75232 . . . DB, DW, N, OR PW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IBM is a trademark of International Business Machines Corporation.


Similar Part No. - GD65232DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD65232DBR TI-GD65232DBR Datasheet
400Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD65232DBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com