Electronic Components Datasheet Search
  English  ▼

X  

HD3SS214 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
HD3SS214
SLAS907A – DECEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: HD3SS214
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Electrical Characteristics, Device Parameters .......... 6
6.7
Timing Requirements ................................................ 7
6.8
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application ................................................. 11
9
Power Supply Recommendations ...................... 16
10
Layout................................................................... 16
10.1
Layout Guidelines ................................................. 16
10.2
Layout Example .................................................... 17
11
Device and Documentation Support ................. 19
11.1
Device Support .................................................... 19
11.2
Receiving Notification of Documentation Updates 19
11.3
Community Resources.......................................... 19
11.4
Trademarks ........................................................... 19
11.5
Electrostatic Discharge Caution ............................ 19
11.6
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
Changes from Original (December 2015) to Revision A
Page
•
Changed DC2(p) to DC2(n) in Pin Functions ......................................................................................................................... 4
•
Changed DC2(n) to DC2(p) in Pin Functions ......................................................................................................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com