Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS215
Description  6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS215 Datasheet HTML 1Page - Texas Instruments HD3SS215 Datasheet HTML 2Page - Texas Instruments HD3SS215 Datasheet HTML 3Page - Texas Instruments HD3SS215 Datasheet HTML 4Page - Texas Instruments HD3SS215 Datasheet HTML 5Page - Texas Instruments HD3SS215 Datasheet HTML 6Page - Texas Instruments HD3SS215 Datasheet HTML 7Page - Texas Instruments HD3SS215 Datasheet HTML 8Page - Texas Instruments HD3SS215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
HD3SS215, HD3SS215I
SLAS971D – MAY 2014 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 13
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
9
Applications and Implementation ...................... 14
4
Revision History..................................................... 2
9.1
Application Information............................................ 14
5
Description (Continued) ........................................ 4
9.2
Typical Applications ................................................ 14
6
Pin Configuration and Functions ......................... 4
10
Power Supply Recommendations ..................... 19
7
Specifications......................................................... 7
11
Layout................................................................... 19
7.1
Absolute Maximum Ratings ...................................... 7
11.1
Layout Guidelines ................................................. 19
7.2
ESD Ratings.............................................................. 7
11.2
Layout Example .................................................... 20
7.3
Recommended Operating Conditions ....................... 7
12
Device and Documentation Support ................. 22
7.4
Thermal Information .................................................. 7
12.1
Community Resources.......................................... 22
7.5
Electrical Characteristics........................................... 8
12.2
Trademarks ........................................................... 22
7.6
Electrical Characteristics, Device Parameters .......... 9
12.3
Electrostatic Discharge Caution ............................ 22
7.7
Switching Characteristics .......................................... 9
12.4
Glossary ................................................................ 22
7.8
Timing Diagrams ....................................................... 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 11
Information ........................................................... 22
8.1
Overview ................................................................. 11
4 Revision History
Changes from Revision C (August 2015) to Revision D
Page
•
Changed Description text string from "....DisplayPort 1.2a..." to "...DisplayPort HBR2..." and from "..HDMI2.0.." to
"...HDMI..." ............................................................................................................................................................................. 1
•
Deleted RθJC(bot) spec from Thermal Information table as N/A ............................................................................................... 7
•
Deleted "Operating free air temperature" spec from Electrical Characteristics table............................................................. 8
•
Changed Figure 8 ................................................................................................................................................................ 18
•
Changed Power Supply Recommendations text string from "Decoupling capacitors may be used to reduce noise
and improve power supply integrity" to "Decoupling capacitors must be used to reduce power supply noise" .................. 19
Changes from Revision B (July 2015) to Revision C
Page
•
Added ton(OE_L-H), toff(OE_H-L), and tSWITCH_OVER to the Switching Characteristics........................................................................ 9
Changes from Revision A (May 2014) to Revision B
Page
•
Changed the title From: "2.0/DisplayPort 1.2A" To: "DisplayPort" ......................................................................................... 1
•
Changed Features list item From: Compatible With DisplayPort 1.2a Electrical Standard To: Compatible With
DisplayPort Electrical Standard .............................................................................................................................................. 1
•
Changed Features list item From: Compatible With HDMI 1.4b and HDMI 2.0 Electrical Standards To: Compatible
With HDMI Electrical Standards ............................................................................................................................................. 1
•
Added Features item: Commercial Temperature Range: –40°C to 70°C (HD3SS215) ......................................................... 1
•
Added Features item: Inductrial Temperature Range: –40°C to 85°C (HD3SS215I) ............................................................ 1
•
Added Features, Package Options: 8 mm × 8 mm, 56-Pin RTQ ........................................................................................... 1
•
Changed the Applications list item From: TV and Monitors To: UHDTV, HDTV and Monitors.............................................. 1
•
Added Description (Continued) paragraph. ........................................................................................................................... 4
•
Added the 56-Pin QFN image ................................................................................................................................................ 5
•
Added RTQ column to the Pin Functions table ..................................................................................................................... 6
•
Moved Tstg From: ESD Ratings To: Absolute Maximum Ratings
(1) (2) .................................................................................... 7
•
Changed the Handling Ratings table to ESD Ratings table .................................................................................................. 7
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: HD3SS215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com